Electronic Components Datasheet Search
  English  ▼

X  

PJ75AL28SA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJ75AL28SA
Description  Low Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJ75AL28SA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJ75AL28SA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 8Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
The PJ75ALXXSA series is a set of three-terminal
low power high voltage regulators implemented in
CMOS technology. They allow input voltages as
high as 36V. They are available with several fixed
output voltages ranging from 2.8V to 5.0V. Because of
the low power dissipation, PJ75ALXXSA are
widely used in a variety of equipment such as
audio device, video device, communication device
and so on.
Features
Low power consumption
Low voltage drop
Low temperature coefficient
High input voltage (up to 36V)
Quiescent current : 2.5μA
Output voltage tolerance: ±2%
HAF(halogen and antimony free) is acquired
Selection Tablet
PJ75ALXXSA
Designator
Symbol
Description
XX
28
2.8V(output)
30
3.0V
33
3.3V
36
3.6V
40
4.0V
44
4.4V
50
5.0V
PJ75ALXXSA Series
Low Dropout Regulators
1 / 8
www.pingjingsemi.com
Revision:1.0 Sep-2019
Block Diagram
VOUT
VIN
GND
Vref
1.GND 2.VOUT 3.VIN
SOT-23


Similar Part No. - PJ75AL28SA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJ75AL28SC PJSEMI-PJ75AL28SC Datasheet
7Mb / 8P
Low Dropout Regulators
PJ75AL28SQ PJSEMI-PJ75AL28SQ Datasheet
2Mb / 8P
Low Dropout Regulators
More results

Similar Description - PJ75AL28SA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
1.5A LOW DROPOUT REGULATORS
logo
FOSLINK SEMICONDUCTOR C...
FSP2114 FOSLINK-FSP2114 Datasheet
334Kb / 8P
CMOS LOW DROPOUT REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
Low-Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SC PJSEMI-PJ75AL28SC Datasheet
7Mb / 8P
Low Dropout Regulators
PJ75AL28SQ PJSEMI-PJ75AL28SQ Datasheet
2Mb / 8P
Low Dropout Regulators
logo
DONGGUAN YOU FENG WEI E...
HT75XX YFWDIODE-HT75XX Datasheet
2Mb / 8P
Low Dropout Regulators
YFW7321 YFWDIODE-YFW7321 Datasheet
1Mb / 9P
Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM29150 HMSEMI-HM29150 Datasheet
954Kb / 6P
Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com