Electronic Components Datasheet Search
  English  ▼

X  

PJ75AL28SA Datasheet(PDF) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJ75AL28SA
Description  Low Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJ75AL28SA Datasheet(HTML) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJ75AL28SA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 8Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Circuit
5 / 8
PJ75ALXXSA Series
Low Dropout Regulators
www.pingjingsemi.com
Revision:1.0 Sep-2019
C1
Co m m o n
Co m m o n
GN D
2
C
PJ75ALXXSA
Series
10μF
10μF
VIN
VIN
VOUT
VOUT
Single Point GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com