Electronic Components Datasheet Search
  English  ▼

X  

PJ4057 Datasheet(PDF) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJ4057
Description  Linear Lithium-ion Battery Charger
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJ4057 Datasheet(HTML) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJ4057 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 / 5
Ordering Information
Device
Package
Shipping
PJ
4057
SOT-
23-6
3,000/ Tape & Reel (7 inches)
Package Outline
SOT-23-6
Dimensions in mm
www.pingjingsemi.com
Revision
:1.0 May-2019
PJ4057
Linear Lithium-ion Battery Charger
R0.15MAX
`4X
A
R0.15MAX
`4X
12
10
10
12
2.92
0.95
0
.35
1.9
±0.05



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com