Electronic Components Datasheet Search
  English  ▼

X  

PJ4057 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJ4057
Description  Linear Lithium-ion Battery Charger
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJ4057 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJ4057 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 / 5
www.pingjingsemi.com
Revision
:1.0 May-2019
Absolute Maximum Rating
Input Voltage
PROG
BAT
CHRG
BAT short-circuit period
Continue
BAT Pin Current
500mA
PROG Pin Current
800uA
Operating Temperature Range
-40℃~85℃
Storage Temperature
-65℃~125℃
Pin temperature (welding time: 10s)
260℃
Block Diagram
VSS-0.3V~VSS+7V
VSS-0.3V~VSS+0.3V
VSS-0.3V~VSS+7V
VSS-0.3V~VSS+10V
PJ4057
Linear Lithium-ion Battery Charger
R1
GND
1V
4
TA
120℃
TDIE
VCC
CA
3
MA
5
VA
BAT
R2
2
C1
REF
1.21V
R3
C2
C3
TO
BAT
2.9V
1
CHRG
STANDBY
SHDN
1X
PROG
RPROG
VCC
3μA
R4
0.1V
R5
1000X
5μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com