Electronic Components Datasheet Search
  English  ▼

X  

PJ4057 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJ4057
Description  Linear Lithium-ion Battery Charger
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJ4057 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJ4057 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 / 5
www.pingjingsemi.com
Revision
:1.0 May-2019
Pin Distribution
Pin Function
CHRG(Pin1)
Output of open drain charging state. The CHRG pin is pulled to low level by an
internal N-channel MOSFET during battery charging. When the charging cycle
ends, CHRG pin is off and all lights are off. When PJ4057 detects an under
voltage blocking condition, the CHRG pin is forced to a high impedance state.
GND(Pin2)
GND
BAT(Pin3)
Charging current output.The pin provides charging current to the battery and
adjusts the final floating charging voltage to 4.2V. A precise internal resistance
voltage divider of the pin sets the floating charging voltage. In the shutdown mode,
the internal resistance voltage divider is disconnected.
VCC(Pin4)
Positive input power voltage.This pin supplies power to the charger.VCC shall vary
from 4.25V to 6.5V and shall be bypassed by at least one 1uF capacitor.When the
VCC drops to less than 30mV of BAT pin voltage,PJ4057 enters the stop mode,
and the Ibat falls below 2uA.
PROG(Pin6)
Charging current setting, charging current monitoring and stop pin.The charging
current can be set by connecting a 1% precision resistor Prog between the pin
and the ground.When charging in constant current mode, the voltage of this pin is
maintained at 1V. In all modes, the voltage on this pin can be used to calculate the
charging current. The formula is Ibat=(Vprog/Rprog)*1000.Short connect the set
resistor to the ground, and an internal 2uA current pulls the PROG pin to a high
level.When the voltage of this pin reaches the stop threshold voltage of 1.21V, the
charger enters the stop mode, the charging stops and the input power current
drops to 25uA.The clamping voltage of this port is about 2.4V.Supply this port with
a voltage in excess of the clipping voltage and a high current of 1.5 mA will be
obtained,Reconnecting the Rprog to the ground will restore the charger to normal
operation.
PJ4057
Linear Lithium-ion Battery Charger
1.CHRG
SOT-23-6
2.GND 3.BAT
4.VCC
5.STBY
6.PORG
STBY(Pin5)
The charging status indicates that when the battery is charged, STDBY is
pulled to a low level by an internal switch to indicate the end of charging. In
other states, STDBY pins are in a high impedance state



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com