Electronic Components Datasheet Search
  English  ▼

X  

DP270 Datasheet(PDF) 5 Page - 3M Electronics

Part # DP270
Description  Scotch-WeldTM Epoxy Potting Compound/Adhesive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP270 Datasheet(HTML) 5 Page - 3M Electronics

  DP270 Datasheet HTML 1Page - 3M Electronics DP270 Datasheet HTML 2Page - 3M Electronics DP270 Datasheet HTML 3Page - 3M Electronics DP270 Datasheet HTML 4Page - 3M Electronics DP270 Datasheet HTML 5Page - 3M Electronics DP270 Datasheet HTML 6Page - 3M Electronics DP270 Datasheet HTML 7Page - 3M Electronics DP270 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Potting Compound/Adhesive
DP270 Clear and Black
- 5 -
Adhesive*
6mm Nozzle
gms/minute
10mm Nozzle
gms/minute
3
M™ Scotch-Weld™ Epoxy Potting
Compound/Adhesive DP270 Black
38.2
148.8
3M™ EPX
Pneumatic Applicator
Delivery Rates
200 ml Applicator – Maximum Pressure 58 psi
48.5/50 ml Applicator – Maximum Pressure 50 psi
Adhesive*
1/4 in. Nozzle
gms/minute
3
M™ Scotch-Weld™ Epoxy Potting
Compound/Adhesive DP270 Clear
Scotch-Weld epoxy potting
compound/adhesive DP270 Black
75.6
68.6
*Tests were run at a temperature of 70°F ± 2°F (21°C ± 1°C) and at maximum applicator pressure.
Handling/Curing
Information
Directions for Use
1. For high strength structural bonds, paint, oxide films, oils, dust, mold release
agents and all other surface contaminants must be completely removed. However,
the amount of surface preparation directly depends on the required bond strength
and the environmental aging resistance desired by user. For specific surface
preparations on common substrates, see the section on surface preparation.
2. These products consist of two parts.
Mixing
For Duo-Pak Cartridges
3M™ Scotch-Weld™ epoxy potting compound/adhesive DP270 Clear and Black
are supplied in a dual syringe plastic duo-pak cartridge as part of the 3M™ EPX
Applicator systems. To use, simply insert the duo-pak cartridge into the EPX
applicator and start the plunger into the cylinders using light pressure on the
trigger. Next, remove the duo-pak cartridge cap and expel a small amount of
adhesive to be sure both sides of the duo-pak cartridge are flowing evenly and
freely. If mixing of Part A and Part B is desired, attach the EPX applicator mixing
nozzle to the duo-pak cartridge and begin dispensing the adhesive. For hand
mixing, expel the desired amount of material and mix thoroughly to obtain a
uniform color.
For Bulk Containers
Mix thoroughly by weight or volume in the proportions specified in the typical
uncured properties section to obtain a uniform color.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com