Electronic Components Datasheet Search
  English  ▼

X  

DP270 Datasheet(PDF) 1 Page - 3M Electronics

Part # DP270
Description  Scotch-WeldTM Epoxy Potting Compound/Adhesive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP270 Datasheet(HTML) 1 Page - 3M Electronics

  DP270 Datasheet HTML 1Page - 3M Electronics DP270 Datasheet HTML 2Page - 3M Electronics DP270 Datasheet HTML 3Page - 3M Electronics DP270 Datasheet HTML 4Page - 3M Electronics DP270 Datasheet HTML 5Page - 3M Electronics DP270 Datasheet HTML 6Page - 3M Electronics DP270 Datasheet HTML 7Page - 3M Electronics DP270 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Scotch-Weld
TM
Epoxy Potting Compound/Adhesive
DP270 Clear and Black
Technical Data
March 2019
Product Description
3MTM Scotch-WeldTM Epoxy Potting Compound/Adhesive DP270 (or 3M™ Scotch-
Weld™ Epoxy Potting Compound/Adhesive 270 B/A) is a two-part, low viscosity
epoxy resin system designed primarily for potting, sealing, and encapsulation of
many electronic components and is available in clear or black. 3M™ Scotch-Weld™
epoxy potting compound/adhesive DP270 is noncorrosive to copper and offers good
thermal shock resistance and excellent retention of electrical insulation properties
under high humidity conditions.
3M™ Scotch-Weld™ epoxy potting compound/adhesive DP270 has a work life
of approximately 70 minutes, a tack-free time of about 3 hours and is fully cured
after 48 hours at 73°F (23°C). This product produces no exotherm in 5-10 gram
masses and a very slight exotherm in larger masses.
3M™ Scotch-Weld™ epoxy potting compound/adhesive DP270 is ideal for the
potting and encapsulation of many heat sensitive or delicate components such as
glass diodes and sensors as well as for transformers, coils, chokes, relays, etc. It is
available in the convenient 3M™ EPX Applicator System for multi-station usage
and in bulk containers for larger volume applications.
Available in bulk containers as Scotch-Weld epoxy potting compound/adhesive
270 B/A.
Features
• Good Thermal Shock Resistance
• Excellent Electrical Properties
• Meets UL 94 HB (File No. E61941)
• Noncorrosive to Copper
• Long Worklife
• Negligible Exotherm
Typical Uncured
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Color:
Clear or Black
Base Resin:
Epoxy/amine
Mix Ratio:
1:1 by volume (1:0.85 B:A by weight)
Net Weight:
Lbs./Gal.
Base 9.6 - 9.7
Accelerator 8.0 - 8.2
Worklife:
60-70 minutes @ 23°C (73°F)
Viscosity:
@ 23°C (73°F)
Base
7000 - 16,000 cps
Accelerator
6000 - 12,000 cps


Similar Part No. - DP270

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DP275D6S MTU-DP275D6S Datasheet
288Kb / 4P
DIESEL GENERATOR SET
DP27D6S MTU-DP27D6S Datasheet
144Kb / 4P
DIESEL GENERATOR SET
More results

Similar Description - DP270

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC2216 3M-EC2216 Datasheet
31Kb / 9P
Scotch-WeldTM Epoxy Adhesive
DP110 3M-DP110 Datasheet
252Kb / 7P
Scotch-WeldTM Epoxy Adhesive
EC-2615 3M-EC-2615 Datasheet
116Kb / 5P
3M Scotch-WeldTM Epoxy Adhesive
EC-1458 3M-EC-1458 Datasheet
32Kb / 3P
3M Scotch-WeldTM Adhesive
EC-3964 3M-EC-3964 Datasheet
22Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3587 3M-EC-3587 Datasheet
21Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3532 3M-EC-3532 Datasheet
72Kb / 3P
Scotch-WeldTM Urethane Adhesive
EC-2216 3M-EC-2216 Datasheet
94Kb / 8P
Scotch-WeldTM Epoxy Adhesive
EC-1593 3M-EC-1593 Datasheet
26Kb / 6P
Scotch-WeldTM Structural Adhesive Primer
EC-2216B 3M-EC-2216B Datasheet
94Kb / 8P
Scotch-WeldTM Epoxy Adhesive
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com