Electronic Components Datasheet Search
  English  ▼

X  

DP8010 Datasheet(PDF) 4 Page - 3M Electronics

Part # DP8010
Description  Scotch-Weld™ Structural Plastic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP8010 Datasheet(HTML) 4 Page - 3M Electronics

  DP8010 Datasheet HTML 1Page - 3M Electronics DP8010 Datasheet HTML 2Page - 3M Electronics DP8010 Datasheet HTML 3Page - 3M Electronics DP8010 Datasheet HTML 4Page - 3M Electronics DP8010 Datasheet HTML 5Page - 3M Electronics DP8010 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3M™ Scotch-Weld™Structural Plastic Adhesive
DP8010 Blue • DP8010NS Blue
Page 4
Environmental Resistance8 Expressed as Percent Retention of Control Strength
(Measured on 1/8” thick HDPE via Overlap Shear, ASTM D1002)
Condition
Substrate
3M™ Scotch-Weld™
Structural Plastic
Adhesive DP8010
Blue
3M™ Scotch-Weld™
Structural Plastic
Adhesive DP8010NS
Blue
Control
HDPE
100% SF
100 % SF
160°F water soak
80% CF
80% CF
150°F/80% RH
95% CF
97% CF
NaOH 10% by wt
100% SF/CF
100% SF
HCl 16% by volume
100% SF
100% SF/CF
IPA soak
95% CF
91% CF
Diesel Fuel soak
97% SF/CF
93% SF
50% Antifreeze
soak
100% SF/CF
100% SF
Gasoline soak
70% CF
70% CF
Acetone soak
20% AF
25% AF
8. Values indicate overlap shear test performance retained after 14 days of continuous exposure relative to a control
sample left at room temperature; samples conditioned for 7 days at room temperature and 50% relative humidity
prior to tests.
Floating Roller Peel (lb/inch width)9 ASTM D3167
Substrate
3M™ Scotch-Weld™ Structural Plastic Adhesive
DP8010 Blue and 3M™ Scotch-Weld™ Structural
Plastic Adhesive DP8010NS Blue
HDPE
Substrate Failure
9 Floating roller peel values measured using ASTM D3167; allowed to cure for 24 hours at room temperature; 1” wide
samples; 0.017” bond line thickness; samples pulled at 20 in/min. Flexible HDPE was 1mm thick and rigid HDPE
was 4.8mm thick.
AF: adhesive failure
CF: cohesive failureSF: substrate failure
1. To obtain the highest strength structural bonds, paint, oxide films, oils, dust, mold release
agents, and all other surface contaminants must be completely removed. The amount of
surface preparation depends on the required bond strength and environmental aging
resistance desired by user. For suggested surface preparations on common substrates, see
the section on surface preparation.
2. Mixing
For Duo-Pak Cartridges
Store cartridges with cap end up to allow any air bubbles to rise towards the tip. To use,
simply insert the cartridge into the EPX applicator and start the plunger into the cylinders
using light pressure on the trigger. Then remove the cap and expel a small amount of
adhesive to ensure material flows freely from both sides of cartridge. For automatic mixing,
attach an EPX mixing nozzle to the cartridge and begin dispensing the adhesive. For hand
mixing, expel the desired amount of adhesive and mix thoroughly. Mix approximately 15
seconds after obtaining a uniform color.
Directions
For Use
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification
purposes.
Typical Cured
Physcial Properties
(continued)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com