Electronic Components Datasheet Search
  English  ▼

X  

DP8010 Datasheet(PDF) 1 Page - 3M Electronics

Part # DP8010
Description  Scotch-Weld™ Structural Plastic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP8010 Datasheet(HTML) 1 Page - 3M Electronics

  DP8010 Datasheet HTML 1Page - 3M Electronics DP8010 Datasheet HTML 2Page - 3M Electronics DP8010 Datasheet HTML 3Page - 3M Electronics DP8010 Datasheet HTML 4Page - 3M Electronics DP8010 Datasheet HTML 5Page - 3M Electronics DP8010 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Note: The data in this sheet were generated using the 3M™ EPX Applicator System equipped with an EPX static mixer,
according to manufacturer’s directions. Thorough hand-mixing will afford comparable results.
Scotch-Weld™ Structural Plastic Adhesives
DP8010 Blue • DP8010NS Blue
Product Description
• Ability to structurally bond polyolefins
without special surface preparation
•
Ability to bond dissimilar Substrates
• Regular and Non-Sag Formulations
•
Room temperature cure
• Excellent water and humidity resistance
•
Very good chemical resistance
• One step process; no pre-treatment of
polyolefin substrates necessary
•
Solvent-free adhesive system
• Convenient hand-held applicator
•
Available in bulk
1.
Viscosity measured using Brookfield RTV, spindle #7, 20 RPM @ 80°F (27°C)
2.
Maximum time that adhesive can remain in a static mixing nozzle and still be expelled without undue force on the applicator.
3.
Maximum time allowed after applying adhesive to one substrate before bond must be closed and fixed in place.
4.
An open bead line will show some skinning in approximately 3 minutes. It is possible to bond parts with good strength if the parts
are made within 10 minutes. Therefore, the adhesive has a 10 minute open time for making bonds.
5.
Minimum time required to achieve 50 psi of overlap shear strength, measured on HDPE
Property
3M™ Scotch-Weld™
Structural Plastic
Adhesive DP8010 Blue
3M™ Scotch-Weld™
Structural Plastic
Adhesive DP8010NS Blue
Color
Base (B)
Accelerator (A)
Blue-Green
Clear and nearly colorless
Viscosity1
Base (B)
27,000 cP
64,000 cP
Accelerator (A)
17,000 – 40,000 cP
17,000 – 40,000 cP
Density
Base (B)
8.5 lb/gal
8.3 – 8.7 lb/gal
Accelerator (A)
Mix ratio
By volume
10:1
By weight
10:1
Work life2
Approx. 8 minutes
Open time3
10 minutes
Skin Time4
Approximately 3 minutes (See Below)
Time to handling strength5
60 minutes
Technical Data Sheet
October 2018
3MTM Scotch-Weld™ Structural Plastic Adhesive DP8010 Blue and DP8010NS Blue are
two-part, acrylic-based adhesives (10:1 ratio by volume) that can bond many low surface
energy plastics, including many grades of Polypropylene, Polyethylene and TPO’s
without special surface preparation.
These adhesives can replace screws, rivets, plastic welding, and two-step processes
which include chemical etchants, priming or surface treatments in many applications.
Typical Uncured
Properties
Note:
The following technical information and data should be considered
representative or typical only and should not be used for specification
purposes. Unless otherwise indicated, all properties measured at 72°F (22°C).
Features


Similar Part No. - DP8010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP802518 NSC-DP802518 Datasheet
372Kb / 6P
DP802518 TROPIC TSUNAMI-TM TROPIC II-TM
DP802518N NSC-DP802518N Datasheet
372Kb / 6P
DP802518 TROPIC TSUNAMI-TM TROPIC II-TM
DP802518V NSC-DP802518V Datasheet
372Kb / 6P
DP802518 TROPIC TSUNAMI-TM TROPIC II-TM
logo
Digital Core Design
DP80390 DCD-DP80390 Datasheet
253Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390 DCD-DP80390 Datasheet
266Kb / 84P
Pipelined High Performance Microcontroller Instructions set details ver 3.10
More results

Similar Description - DP8010

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP810 3M-DP810 Datasheet
190Kb / 7P
Scotch-Weld™ Low Odor AcrylicAdhesives
June 2019
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
Scotch-Weld™ Acrylic Adhesives
May-2019
DP8805NS 3M-DP8805NS Datasheet
144Kb / 7P
Scotch-Weld™ Low Odor Acrylic Adhesives
May-2019
EC5 3M-EC5 Datasheet
422Kb / 4P
Scotch-Weld™ General Purpose Instant Adhesives
Apr-2016
LO1000 3M-LO1000 Datasheet
349Kb / 4P
Scotch-Weld™ Low Odor Instant Adhesives
Apr-2016
PR40 3M-PR40 Datasheet
425Kb / 4P
3M Scotch-Weld??Plastic and Rubber Instant Adhesives
EW-5000 3M-EW-5000 Datasheet
389Kb / 6P
3M™ Scotch-Weld™ Structural Adhesive Primer
Feb-2018
EC-1660 3M-EC-1660 Datasheet
17Kb / 3P
3M Scotch-Weld??Structural Adhesive Primer
AF555 3M-AF555 Datasheet
1Mb / 15P
3M Scotch-Weld??Structural Adhesive Film
EC-3501 3M-EC-3501 Datasheet
328Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesives
Dec-2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com