Electronic Components Datasheet Search
  English  ▼

X  

DP8010 Datasheet(PDF) 5 Page - 3M Electronics

Part # DP8010
Description  Scotch-Weld™ Structural Plastic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP8010 Datasheet(HTML) 5 Page - 3M Electronics

  DP8010 Datasheet HTML 1Page - 3M Electronics DP8010 Datasheet HTML 2Page - 3M Electronics DP8010 Datasheet HTML 3Page - 3M Electronics DP8010 Datasheet HTML 4Page - 3M Electronics DP8010 Datasheet HTML 5Page - 3M Electronics DP8010 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3M™ Scotch-Weld™Structural Plastic Adhesive
DP8010 Blue • DP8010NS Blue
Page 5
For Bulk Containers
Mix thoroughly by weight or volume in the proportion specified on the product label or in
the typical uncured properties section. Mix approximately 15 seconds after obtaining a
uniform color.
3. Apply adhesive and join surfaces within the open time listed for the specific product.
Larger quantities and/or higher temperatures will reduce this working time.
4. Allow adhesive to cure at 60°F (16°C) or above until completely firm. Applying heat up to
150°F (66°C) will increase cure speed.
5. Keep parts from moving during cure. Apply contact pressure or fixture in place if
necessary. Optimum bond line thickness ranges from 0.005 to 0.020 inch; shear strength
will be maximized with thinner bond lines, while peel strength reaches a maximum with
thicker bond lines.
6. Excess uncured adhesive can be cleaned up with ketone type solvents.*
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and follow the
manufacturer’s precautions and directions for use.
3M™ Scotch-Weld™ Structural Plastic Adhesives are designed to be used on metal, wood,
and most plastic surfaces. The following cleaning methods are suggested for common
surfaces:
Steel:
1. Wipe free of dust and dirt with pure solvent such as acetone or isopropyl alcohol.*
2. Sandblast or abrade using clean fine grit abrasives.
3. Wipe again with clean solvent to remove loose particles.*
Aluminum:
1. Wipe free of dust and dirt with pure solvent such as acetone or isopropyl alcohol.*
2. Sandblast or abrade using clean fine grit abrasives.
3. Wipe again with clean solvent to remove loose particles.*
4. When using a primer, apply adhesive within 4 hours of primer application.
Plastics/Rubbers:
1. Wipe with isopropyl alcohol.*
2. Abrade using fine grit abrasives.
3. Wipe with isopropyl alcohol.*
Glass:
1. Solvent wipe surface using acetone or MEK.*
2. Apply a thin coating of a silane adhesion promoter to the glass surfaces to be bonded
and allow to dry completely before bonding.
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and follow the
manufacturer’s precautions and directions for use.
Surface
Preparation
Directions
For Use
(continued)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com