Electronic Components Datasheet Search
  English  ▼

X  

DC682A Datasheet(PDF) 4 Page - Analog Devices

Part # DC682A
Description  8-Channel, 16-Bit, 100ksps SoftSpan ADC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC682A Datasheet(HTML) 4 Page - Analog Devices

  DC682A Datasheet HTML 1Page - Analog Devices DC682A Datasheet HTML 2Page - Analog Devices DC682A Datasheet HTML 3Page - Analog Devices DC682A Datasheet HTML 4Page - Analog Devices DC682A Datasheet HTML 5Page - Analog Devices DC682A Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc682af
DEMO MANUAL DC682A
parts List
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
1
3
C1, C3, C14
CAP., X7R, 0.1µF, 10V, 20%, 0603
AVX, 0603ZC104MAT2A
2
2
C2, C5
CAP., X5R, 10µF, 6.3V, 20%, 0805
Taiyo Yuden, JMK212BJ106MG
3
8
C6–C13
CAP., COG, 1000pF, 50V, 5%, 0603
AVX, 06035A102JAT
4
1
C15
CAP., X5R, 4.7µF, 6.3V, 20%, 0805
Taiyo Yuden, JMK212BJ475MG
5
14
E1–E14
TURRET, TESTPOINT .064"
MILL-MAX, 2308-2
6
2
JP1, JP2
0.079 SINGLE ROW HEADER, 3-PIN
COMM CON, 2802S-03-G2
7
2
JP1, JP2
SHUNT,
COMM CON, CCIJ2MM-138G
8
1
J1
CONNECTOR, DUAL 2
× 7 .079CC
MOLEX, 87331-1420
9
1
R1
RES., CHIP, 100, 1/16W, 5% 0603
AAC, CR16-101JM
10
2
R2, R3
RES., CHIP, 4.99k, 1/16W, 1% 0603
AAC, CR16-4991FM
11
1
U1
I.C. LTC1859CG SSOP28G
LINEAR, LTC1859CG
12
1
U2
MULTIPLEXER, NC7SZ157P6X SC70
FAIRCHILD, NC7SZ157P6X
13
1
U3
I.C., Serial EEPROM TSSOP8
MICROCHIP, 24LC025
14
1
U4
I.C., LT1019ACS8-2.5 SO-8
LINEAR, LT1019ACS8-2.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com