Electronic Components Datasheet Search
  English  ▼

X  

DC682A Datasheet(PDF) 3 Page - Analog Devices

Part # DC682A
Description  8-Channel, 16-Bit, 100ksps SoftSpan ADC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC682A Datasheet(HTML) 3 Page - Analog Devices

  DC682A Datasheet HTML 1Page - Analog Devices DC682A Datasheet HTML 2Page - Analog Devices DC682A Datasheet HTML 3Page - Analog Devices DC682A Datasheet HTML 4Page - Analog Devices DC682A Datasheet HTML 5Page - Analog Devices DC682A Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc682af
DEMO MANUAL DC682A
harDware setup
Jumpers
JP1: Select connection for COM pin, either grounded or
externally supplied through the COM turret.
JP2: Select reference, either internal or the onboard
LT1019 reference.
Analog Connections (Turret Posts)
COM: LTC1859 COM pin. Make sure to select EXT on JP1
when supplying an external bias to this post.
CH0–CH7: Analog inputs to LTC1859. Each input is by-
passed to ground with a 1000pF capacitor.
VREF: Reference pin on LTC1859. When JP2 is set to INT,
the LTC1859 uses its internal reference, or an external
reference can be connected to this pin, overdriving the
internal reference. When JP2 is set to LT1019, this turret
should only be used for monitoring the reference voltage.
Grounding and Power Connections
DC682A does not require any external power source when
used with the DC590 USB controller board. However, an
external 5V power source can be connected to the VCC
and ground turrets if the power supply on DC590 has
been disabled. Refer to the DC590 demo manual for more
information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com