Electronic Components Datasheet Search
  English  ▼

X  

DC682A Datasheet(PDF) 1 Page - Analog Devices

Part # DC682A
Description  8-Channel, 16-Bit, 100ksps SoftSpan ADC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC682A Datasheet(HTML) 1 Page - Analog Devices

  DC682A Datasheet HTML 1Page - Analog Devices DC682A Datasheet HTML 2Page - Analog Devices DC682A Datasheet HTML 3Page - Analog Devices DC682A Datasheet HTML 4Page - Analog Devices DC682A Datasheet HTML 5Page - Analog Devices DC682A Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc682af
DEMO MANUAL DC682A
Description
LTC1859
8-Channel, 16-Bit,
100ksps SoftSpan ADC
Demonstration circuit 682A features the LTC®1859
8-channel, 16-bit SoftSpan™ ADC. The LTC1859 can be
software programmed for 0V to 5V, 0V to 10V, ±5V, or
±10V input spans while operating from a single 5V sup-
ply. The 8-channel multiplexer can be programmed for
single-ended inputs or differential pairs or a combination
of both. Also, the inputs are fault protected to ±25V. A
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan and QuikEval are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
BoarD photo
fault condition on any channel will not affect readings on
other channels.
Design files for this circuit board are available at
http://www.linear.com/demo
+–
SINGLE-ENDED INPUT
DIFFERENTIAL INPUT
TO DC590
VDIFF/2
VDIFF/2
VCM
+–
+–
+–
+ –
REFERENCE MONITOR
(OR EXTERNAL REFERENCE–SEE HARDWARE SETUP)
Figure 1. DC682A Connection Diagram


Similar Part No. - DC682A

ManufacturerPart #DatasheetDescription
logo
France Joint
DC68X90X13 FRANCEJOINT-DC68X90X13 Datasheet
459Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - DC682A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Linear Integrated Syste...
LTC1857 LINEAR-LTC1857 Datasheet
271Kb / 20P
8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
LTC1854 LINER-LTC1854_15 Datasheet
639Kb / 24P
8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1857 LINER-LTC1857_15 Datasheet
391Kb / 22P
8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1858 LINER-LTC1858_15 Datasheet
391Kb / 22P
8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1859 LINER-LTC1859_15 Datasheet
391Kb / 22P
8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com