Electronic Components Datasheet Search
  English  ▼

X  

LP28019B Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP28019B
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28019B Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP28019B Datasheet HTML 1Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 2Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 3Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 4Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 5Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 6Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP28019B
LP28019B – 01
Aug-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 7
Thermal Limiting
An internal thermal feedback loop reduces the ISET
programmed charge current if the die temperature attempts to
rise above a preset value of approximately 125°C. This
feature protects the LP28019B from excessive temperature
and allows the user to push the limits of the power handling
capability of a given circuit board without risk of damaging the
LP28019B. The charge current can be set according to typical
(not worst-case) ambient temperature with the assurance that
the charger will automatically reduce the current in worst-case
conditions.
Power Dissipation
The conditions that cause the LP28019B to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of this
power dissipation is generated by the internal MOSFET
calculated to be approximately:
PD=(VIN-VBAT) • IBAT
where PD is the power dissipated, VIN is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. The approximate ambient temperature at which the
thermal feedback begins to protect the IC is:
TA=125℃-PD • θJA
TA=125℃-(VIN-VBAT) • IBAT • θJA
Example: An LP28019B operating from a 5V USB supply is
programmed to supply 1000mA full-scale current to a
discharged Li-Ion battery with a voltage of 3.75V. Assuming θ
JA is 65℃ / W (see Board Layout Considerations), the
ambient temperature at which the LP28019B will begin to
reduce the charge current is approximately:
TA=125℃-(5V-3.75V) • (1000mA) • 65℃/W
TA=125℃-1W • 65℃/W=125℃-65℃ TA=60℃
The LP28019B can be used above 60℃ ambient, but the
charge current will be reduced from 1000mA. The
approximate current at a given ambient temperature can be
approximated by:
IBAT=(125℃-TA)/θJA/(VIN-VBAT)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com