Electronic Components Datasheet Search
  English  ▼

X  

LP28019B Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP28019B
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28019B Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP28019B Datasheet HTML 1Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 2Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 3Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 4Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 5Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 6Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LP28019B
LP28019B – 01
Aug-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 7
Application Information
Input Voltage Range
The LP28019B has built-in input voltage surge protection as
high as +28V. The charger IC will be automatically disabled
when the input voltage is lower than 4.4V or higher than 7.0V.
A charge cycle begins when the voltage at the VIN pin rises
above the UVLO threshold level, when a battery is connected
to the charger output. If the BAT pin is less than 2.6V, the
charger enters trickle charge mode. In this mode, the
LP28019B
supplies
approximately
1/10
the
ISET
programmed charge current to bring the battery voltage up to
a safe level for full current charging. When the BAT pin
voltage rises above 2.6V, the charger enters constant-current
mode(CC), where the ISET programmed charge current is
supplied to the battery. When the BAT pin approaches the
final float voltage, the LP28019B enters constant-voltage
mode(CV) and the charge current begins to decrease, and the
battery full indication is set when the charge current in the CV
mode is reduced to the programmed full battery current
(1/10).
ISET programming Charge Current
The charge current (IBAT) is set by a resistor (RISET)
connecting from the ISET pin to GND. The relationship of the
charge current and the programming resistance is established
by the following table.
RISET(K Ω)
IBAT(mA)
1.5
1000
2
700
3.3
420
10
130
Automatic Recharge
Once the charge cycle is terminated, the LP28019B
continuously monitors the voltage on the BAT pin. A charge
cycle restarts when the battery voltage falls below 4.05V
(which corresponds to approximately 80% to 90% battery
capacity). This ensures that the battery is kept at or near a
fully charged condition and eliminates the need for periodic
charge cycle initiations.
Charge Termination
A charge cycle is terminated when the charge current falls to
1/10th the ISET programmed value after the final float voltage
is reached. This condition is detected by using an internal,
filtered comparator to monitor the ISET pin. When the ISET
pin voltage falls below 100mV for longer than tTERM (typically
1ms), charging is terminated.
The LP28019B constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V recharge
threshold (VRESTAT), another charge cycle begins and current
is once again supplied to the battery. To manually restart a
charge cycle when in standby mode, the input voltage must
be removed and reapplied, or the charger must be shut down
and restarted using the ISET pin.
Charge Status Indicator(CHRG)
After application of a 5V source, the input voltage rises above
the UVLO and sleep thresholds (VIN>VBAT+VDT),but is less than
OVP (VIN<VOVP),The charge status output has two different
states: strong pull-down (~5mA) and high impedance. The
strong pull-down state indicates that the LP28019B is in a
charge cycle. Once the charge cycle has terminated, the pin
state is determined by under voltage lockout conditions. High
impedance indicates that the LP28019B is in under voltage
lockout mode: either VIN is less than 100mV above the BAT
pin voltage or insufficient voltage is applied to the VIN pin.
A microprocessor can be used to distinguish between these
two states—this method is discussed in the Applications
Information section.
Function
CHRG
Charging
Low
Charge Finish
High



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com