Electronic Components Datasheet Search
  English  ▼

X  

LP28019B Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28019B
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28019B Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28019B Datasheet HTML 1Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 2Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 3Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 4Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 5Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 6Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP28019B
LP28019B – 01
Aug-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Functional Pin Description
Package Type
Pin Configurations
ESOP8
4
3
2
1
5
6
7
8
NC
GND
VIN
NC
ISET
NC
BAT
CHRG
9
ESOP8
TOP VIEW
GND
Pin Description
PIN
No.
PIN
NAME
DESCRIPTION
1
VIN
VIN is the input power source. Connect to a wall adapter.
2
CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled low by an internal
NMOS. When the charge cycle is completed, the pin could be pulled High by an external pull high resistor.
3
NC
No Connector.
4
GND
GND is the connection to system ground.
5
ISET
Charge Current Program. The charge current is programmed by connecting a 1% resistor(R
ISET) to ground.
6
NC
No Connector.
7
NC
No Connector.
8
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for stability when there is
no battery attached. When a battery is attached, only a 1uF ceramic capacitor is required.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com