Electronic Components Datasheet Search
  English  ▼

X  

LP28055 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28055
Description  1A Single-chip Li-ion and Li-POL Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28055 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28055 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary Datasheet
LP28055
LP28055 – 02
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
1A Single-chip Li-ion and Li-POL Charger
General Description
The LP28055 is a complete constant-current/ constant voltage
linear charger for single cell lithium-ion batteries. Its ESOP8
package and low external component count make the LP28055
ideally suited for portable applications. No external sense
resistor is needed, and no blocking diode is required due to the
internal MOSFET architecture. Thermal feedback regulates the
charge current to limit the die temperature during high power
operation or high ambient temperature. The charge voltage is
fixed at 4.2V, and the charge current can be ISET rammed
externally with a single resistor.
The LP28055 automatically terminates the charge cycle when
the charge current drops to 1/10 setting current value after the
final float voltage is reached.
When the input supply is removed, the LP28055 automatically
enters a low current state, dropping the battery drain current to
less than < 1µA.
Other features include charge current monitor, under voltage
lockout, automatic recharge and a status pin to indicate charge
termination and the presence of an input voltage.
Order Information
LP28055 □ □ □ □
F: Pb-Free
Package Type
SP: ESOP8
Charge Voltage
Default:4.2V
Applications
Portable Media Players/Game
Power Bank
PDA/MID
Bluetooth Applications
Features
input voltage up to 28V
input Over Voltage Protection:7V
Short-circuit protection
Programmable Charge Current Up to 1000mA
< 1µA Battery Reverse Current
Protection of Reverse Connection of Battery
No MOSFET, Sense Resistor or Blocking Diode Required
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate Without
Risk of Overheating
Programmable Charge TerminationAC Adapter Power
Good Indicator
ESOP8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
STAT2
GND
NTC
STAT1
LP28055
Battery
VIN
1K
LED1
LED2
BAT
NC
COV
10uF
ISET
RISET
CIN
1uF
VIN
RNTC
4
1
2
5
7
6
3
8
10nF
Marking Information
Device
Marking Package
Shipping
LP28055SPF
LPS
LP28055
YWX
ESOP8
2.5K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number


Similar Part No. - LP28055

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28052A POWER-LP28052A Datasheet
461Kb / 9P
Vin Over Voltage Protection:6.5V
LP28052A-01 POWER-LP28052A-01 Datasheet
461Kb / 9P
Vin Over Voltage Protection:6.5V
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
1.2A Single-chip Li-ion and Li-POL Charge
LP28056SSPF POWER-LP28056SSPF Datasheet
522Kb / 8P
1.2A Single-chip Li-ion and Li-POL Charge
More results

Similar Description - LP28055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24083 TI-BQ24083 Datasheet
1Mb / 23P
1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
Li-Ion and Li-Pol Automotive Charger
logo
Lowpower Semiconductor ...
LP28013 POWER-LP28013 Datasheet
492Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28013A POWER-LP28013A Datasheet
373Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28014 POWER-LP28014 Datasheet
296Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28019B POWER-LP28019B Datasheet
268Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28021S POWER-LP28021S Datasheet
566Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com