Electronic Components Datasheet Search
  English  ▼

X  

LP28055 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28055
Description  1A Single-chip Li-ion and Li-POL Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28055 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28055 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary Datasheet
LP28055
LP28055 – 02
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Function Block Diagram
VIN
ISET
BAT
R2
R1
Control
Logic
STAT2
GND
NTC
STAT1
Absolute Maximum Ratings
Note 1
Input Voltage to GND -------------------------------------------------------------------------------------------------------------------------------- 0.3V to 28V
BAT voltage GND -------------------------------------------------------------------------------------------------------------------------------------- - 5V to 7V
Other pin to GND ------------------------------------------------------------------------------------------------------------------------------------- 0.3V to 6.5V
Maximum Junction Temperature ----------------------------------------------------------------------------------------------------------------------- 125°C
Maximum Soldering Temperature (at leads, 10 sec) ------------------------------------------------------------------------------------------ 260°C
Storage Temperature --------------------------------------------------------------------------------------------------------------------------- -55℃ to 150°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Note 2
Maximum Power Dissipation ( PD,TA=25°C) -------------------------------------------------------------------------------------------------------- 1.5W
Thermal Resistance (JA) -------------------------------------------------------------------------------------------------------------------------------- 65℃/W
Note 2.
JA is measured in the natural convection at TA = 25C on a high effective thermal conductivity four-layer test board of JEDEC 51
thermal measurement standard.
ESD Susceptibility
Note 3
HBM(Human Body Mode) ------------------------------------------------------------------------------------------------------------------------------------ 2KV
MM(Machine Mode) -------------------------------------------------------------------------------------------------------------------------------------------- 200V
Note 2.
Devices are ESD sensitive. Handling precaution is recommended



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com