Electronic Components Datasheet Search
  English  ▼

X  

LP28055 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP28055
Description  1A Single-chip Li-ion and Li-POL Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28055 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP28055 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Preliminary Datasheet
LP28055
LP28055 – 02
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 7
Application Information
Input Voltage Range
The LP28055 has built-in input voltage surge protection as
high as +28V. The charger IC will be automatically disabled
when the input voltage is lower than 3.3V or higher than 7.0V.
A charge cycle begins when the voltage at the VIN pin rises
above the UVLO threshold level,when a battery is connected
to the charger output. If the BAT pin is less than 2.6V, the
charger enters trickle charge mode. In this mode, the P28055
supplies approximately 1/10 the ISET rammed charge current
to bring the battery voltage up to a safe level for full current
charging. When the BAT pin voltage rises above 2.6V, the
charger enters constant-current mode(CC), where the ISET
rammed charge current is supplied to the battery. When the
BAT pin approaches the final float voltage, the LP28055
enters constant-voltage mode(CV) and the charge current
begins to decrease, and the battery full indication is set
whenthe charge current in the CV mode is reduced to the
programmed full battery current (1/10).
Charge Termination
A charge cycle is terminated when the charge current falls to
1/10th the ISET rammed value after the final float voltage is
reached. This condition is detected by using an internal,
filtered comparator to monitor the ISET pin. When the ISET
pin voltage falls below 100mV for longer than tTERM (typically
1ms), charging is terminated.
The LP28055 constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V recharge
threshold (VRESTAT), another charge cycle begins and current
is once again supplied to the battery. To manually restart a
charge cycle when in standby mode, the input voltage must
be removed and reapplied, or the charger must be shut down
and restarted using the ISET pin.
ISET ramming Charge Current
The charge current (IBAT) is set by a resistor (RISET)
connecting from the ISET pin to GND.The relationship of the
charge current and the programming resistance is established
by the following table.
IBAT = 1500 / RISET
Battery Temperature Detection
The NTC function for the LP28055 is designed to follow the
new JEITA temperature standard for Li-Ion. There are now
three thresholds, 60°C, 10°C, and 0°C. Normal operation
occurs between 10°C and 60°C. If between 0°C and 10°C the
charge current level is cut in half . Above 60°C or below 0°C
the charge is disabled.
The NTC feature is implemented using an internal 48μA
current source to bias the thermistor connected from the NTC
terminal to VSS(designed for use with a 10k NTC β = 3370
(SEMITEC 103AT-2 or Mitsubishi TH05-3H103F)). If this
feature is not needed, a fixed 10kΩ can be placed between
NTC and GND to allow normal operation. Since the INTC
curent is fixed along with the temperature thresholds, it is not
possible to use thermistor values other than the 10k NTC (at
25°C).
Automatic Recharge
Once the charge cycle is terminated, the LP28055
continuously monitors the voltage on the BAT pin .A charge
cycle restarts when the battery voltage falls below 4.05V
(which corresponds to approximately 80% to 90% battery
capacity). This ensures that the battery is kept at or near a
fully charged condition and,eliminates the need for periodic
charge cycle initiations



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com