Electronic Components Datasheet Search
  English  ▼

X  

LP3992 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3992
Description  300mA,Ultra-low noise, Small Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3992 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3992 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LP3992-05
May.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 9
Preliminary Datasheet
LP3992
Applications Information
Like any low-dropout regulator, the external capacitors
used with the LP3992 must be carefully selected for
regulator stability and performance. Using a capacitor
whose value is > 1µF on the LP3992 input and the
amount of capacitance can be increased without limit.
The input capacitor must be located a distance of not
more than 0.5 inch from the input pin of the IC and
returned to a clean analog ground. Any good quality
ceramic or tantalum can be used for this capacitor.
The capacitor with larger value and lower ESR
(equivalent series resistance) provides better PSRR
and line-transient response. The output capacitor must
meet both requirements for minimum amount of
capacitance and ESR in all LDOs application. The
LP3992 is designed specifically to work with low ESR
ceramic output capacitor in space-saving and
performance consideration. Using a ceramic capacitor
whose value is at least 1µF with ESR is > 25mΩ on the
LP3992 output ensures stability. The LP3992 still
works well with output capacitor of other types due to
the wide stable ESR range. Output capacitor of larger
capacitance can reduce noise and improve load
transient response, stability, and PSRR. The output
capacitor should be located not more than 0.5 inch
from the VOUT pin of the LP3992 and returned to a
clean analog ground.
Start-up Function Enable Function
The LP3992 features an LDO regulator enable/disable
function. To assure the LDO regulator will switch on,
the EN turn on control level must be greater than 1.4
volts. The LDO regulator will go into the shutdown
mode when the voltage on the EN pin falls below 0.4
volts. For to protecting the system, the LP3992 have a
quick-discharge function. If the enable function is not
needed in a specific application, it may be tied to VIN
to keep the LDO regulator in a continuously on state.
Thermal Considerations
Thermal protection limits power dissipation in LP3992.
When the operation junction temperature exceeds
150°C, the OTP circuit starts the thermal shutdown
function turn the pass element off. The pass element
turns on again after the junction temperature cools by
25°C. For continue operation, do not exceed absolute
maximum operation junction temperature 125°C.
The power dissipation definition in device is:
PD = (VIN−VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the
thermal resistance of IC package, PCB layout, the rate
of surroundings airflow and temperature difference
between junction to ambient.
The maximum power dissipation can be calculated by
following formula:
PD(MAX) = ( TJ(MAX) − TA ) /θJA
Where TJ(MAX) is the maximum operation junction
temperature 125°C, TA is the ambient temperature
and the θJA is the junction to ambient thermal
resistance. For recommended operating conditions
specification of LP3992, where TJ(MAX) is the
maximum junction temperature of the die (125°C) and
TA is the maximum ambient temperature. The junction
to ambient thermal resistance (θJA is layout
dependent) for SOT23-5 package is 195°C/W.
PD(MAX) = (125°C−25°C) / 195 = 500mW
The maximum power dissipation depends on
operating ambient temperature for fixed TJ(MAX) and
thermal resistance θJA.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com