Electronic Components Datasheet Search
  English  ▼

X  

LP3992 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3992
Description  300mA,Ultra-low noise, Small Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3992 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3992 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LP3992-05
May.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 9
Preliminary Datasheet
LP3992
300mA,Ultra-low noise, Small Package
Ultra-Fast CMOS LDO Regulator
General Description
The LP3992 is designed for portable RF and wireless
applications with demanding performance and space
requirements. The LP3992 performance is optimized
for battery-powered systems to deliver ultra low noise
and low quiescent current. The LP3992 also works
with low-ESR ceramic capacitors, reducing the amount
of board space necessary for power applications,
critical in hand-held wireless devices. The LP3992
consumes less than 0.01µA in shutdown mode and
has fast turn-on time less than 50µs. The other
features include ultra low dropout voltage, high output
accuracy, current limiting protection, and high ripple
rejection ratio. It is available in the 5-lead of SOT23-5
and TSOT23-5 packages.
Order Information
LP3992 □ □ □ □ □
F: Pb-Free
Package Type
B3: SOT23-3
B5: SOT23-5
J5: TSOT23-5
Output Type
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
28: 2.8V
30: 3.0V
33: 3.3V
36: 3.6V
50: 5.0V
Features
Ultra-Low-Noise for RF Application
2.5V- 5.5V Input Voltage Range
Low Dropout : 220mV @ 300mA
1.2V, 1.5V, 1.8V, 2.5V, 2.8V,3.0V,3.3V, 3.6V and
5V Fixed
300mA Output Current
High PSSR:-76dB at 1KHz
< 0.01uA Standby Current When Shutdown
Available in SOT23-5 and TSOT23-5 Package
TTL-Logic-Controlled Shutdown Input
Ultra-Fast Response in Line/Load transient
Current Limiting and Thermal Shutdown
Protection
Quick start-up (typically 50uS)
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
LCD
DSC Sensor
Wireless Card
Typical Application Circuit


Similar Part No. - LP3992

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
logo
Texas Instruments
LP3992 TI1-LP3992 Datasheet
1,012Kb / 23P
Micropower 1.5-V CMOS Voltage Regulator
LP3992 TI2-LP3992 Datasheet
668Kb / 23P
LP3992 Micropower 1.5-V CMOS Voltage Regulator With Shutdown Control
REVISED NOVEMBER 2015
logo
National Semiconductor ...
LP3992IMF-1.5 NSC-LP3992IMF-1.5 Datasheet
245Kb / 9P
Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
LP3992IMFX-1.5 NSC-LP3992IMFX-1.5 Datasheet
245Kb / 9P
Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
More results

Similar Description - LP3992

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3982 POWER-LP3982 Datasheet
378Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3984 POWER-LP3984 Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193 Datasheet
909Kb / 13P
300mA Ultra-low Noise, Ultra-Fast
BL9198 BELLING-BL9198 Datasheet
861Kb / 14P
300mA Ultra-low Noise, Ultra-Fast
BL9169 BELLING-BL9169 Datasheet
538Kb / 10P
300mA,Ultra-low noise
logo
Lowpower Semiconductor ...
LP3983S POWER-LP3983S Datasheet
511Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3980 POWER-LP3980 Datasheet
492Kb / 10P
500mA,Ultra-low noise, Small Package
LP3985 POWER-LP3985 Datasheet
307Kb / 7P
300mA,Ultra-low noise, Small Package
LP3990A POWER-LP3990A Datasheet
291Kb / 6P
300mA,Ultra-low noise, Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com