Electronic Components Datasheet Search
  English  ▼

X  

LP3992 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3992
Description  300mA,Ultra-low noise, Small Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3992 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3992 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LP3992-05
May.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 9
Preliminary Datasheet
LP3992
Marking Information
Device
Marking
Package
Shipping
LP3992-12B5F LPS
1BYWX
SOT23-3
SOT23-5
TSOT23-5
3K/REEL
LP3992-15B5F LPS
1NYWX
SOT23-3
SOT23-5
TSOT23-5
3K/REEL
LP3992-18B5F LPS
1CYWX
SOT23-3
SOT23-5
TSOT23-5
3K/REEL
LP3992-25B5F LPS
1DYWX
SOT23-3
SOT23-5
TSOT23-5
3K/REEL
Device
Marking
Package
Shipping
LP3992-28B5F LPS
1HYWX
SOT23-3
SOT23-5
TSOT23-5
3K/REEL
LP3992-30B5F LPS
1GYWX
SOT23-3
SOT23-5
TSOT23-5
3K/REEL
LP3992-33B5F LPS
1EYWX
SOT23-3
SOT23-5
TSOT23-5
3K/REEL
Y: Y is year code. W: W is week code. X: X is series number.
Functional Pin Description
Package Type
Pin Configurations
TSOT23-5
SOT-23-5
SOT-23-3
NC
GND
VIN
EN
VOUT
1
2
3
4
5
Top View
GND
VIN
VOUT
3
1
2
Top View
TSOT23-5/SOT-23-5
SOT-23-3
Pin Description
Pin
Name
Description
SOT23-5 SOT23-3
1
3
VIN
Power Input Voltage.
2
1
GND
Ground.
3
EN
Chip Enable (Active High).
4
NC
No Connection.
5
2
VOUT
Output Voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com