Electronic Components Datasheet Search
  English  ▼

X  

LP3995 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3995
Description  200mA,Ultra-low Noise LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3995 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3995 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LP3995-02
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 9
Preliminary Datasheet
LP3995
200mA,Ultra-low Noise LDO Regulator
General Description
The LP3995 is designed for portable applications with
demanding performance and space requirements. The
LP3995 performance is optimized for high voltage
systems to deliver ultra low noise and low quiescent
current. Regulator ground current increases only
slightly in dropout, further prolonging the input system
life. The LP3995 also works with low-ESR ceramic
capacitors, reducing the amount of board space
necessary for power applications, critical in hand-held
wireless devices. The other features include ultra low
dropout voltage, high output accuracy, current limiting
protection, and high ripple rejection ratio.
Order Information
LP3995 □ □ □ □ □
F: Pb-Free
Package Type
B3: SOT23-3
X3: SOT89-3
B5: SOT23-5
TO: TO92
Output Type
18: 1.8V
25: 2.5V
30: 3.0V
33: 3.3V
36: 3.6V
40: 4.0V
42: 4.2V
50: 5.0V
Features
Ultra-Low-Noise for RF Application
Input Voltage up to 35V
Low Dropout : 600mV @ 100mA
Output Current ≥200mA
Ultra-Fast Response in Line/Load Transient
Current Limiting and Thermal Shutdown
Protection
Applications
PMP/PDA/MP3 players
Cellular and Mobile phone
RF Module
Sensor Module
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP3995
SOT89-3
SOT23-3
SOT23-5
TO92
3K/REEL
VIN
10uF
10uF
VIN
OUT
GND
Vout


Similar Part No. - LP3995

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3995 TI2-LP3995 Datasheet
1Mb / 26P
LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
REVISED SEPTEMBER 2015
logo
National Semiconductor ...
LP3995ILD-1.5 NSC-LP3995ILD-1.5 Datasheet
355Kb / 14P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
More results

Similar Description - LP3995

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
Ultra-Low-Noise 200mA LDO Regulator
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com