Electronic Components Datasheet Search
  English  ▼

X  

LP3995 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3995
Description  200mA,Ultra-low Noise LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3995 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3995 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3995 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LP3995-02
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 9
Preliminary Datasheet
LP3995
Absolute Maximum Ratings
Supply Input Voltage ---------------------------------------------------------------------------------------- -0.3V to 35V
Power Dissipation, PD @ TA = 25°C
SOT23-3 --------------------------------------------------------------------------------------------------------------- 450mW
SOT23-5 --------------------------------------------------------------------------------------------------------------- 450mW
SOT89-3 --------------------------------------------------------------------------------------------------------------- 700mW
TO92 -------------------------------------------------------------------------------------------------------------------- 600mW
Package Thermal Resistance
SOT23-3, θJA -------------------------------------------------------------------------------------------------------- 50°C/W
SOT23-5, θJA ------------------------------------------------------------------------------------------------------ 250°C/W
SOT89-3, θJA ------------------------------------------------------------------------------------------------------ 165°C/W
TO92, θJA ----------------------------------------------------------------------------------------------------------- 180°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260°C
Storage Temperature Range -------------------------------------------------------------------------- −65°C to 150°C
ESD Susceptibility
HBM (Human Body Mode) --------------------------------------------------------------------------------------------- 2kV
MM(Machine-Mode) --------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
Supply Input Voltage ------------------------------------------------------------------------------------ Vout+1V to 30V
Operation Junction Temperature Range ------------------------------------------------------------ -20°C to 125°C
Operation Ambient Temperature Range ------------------------------------------------------------- -20°C to 85°C
Electrical Characteristics
(VIN = 5V, CIN = 2.2µF, COUT =10uF,TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ.
Max
Units
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−2
--
+2
%
Current Limit
ILIM
RLOAD = 1Ω
220
mA
Quiescent Current
IQ
IOUT = 0mA
3
μA
Dropout Voltage
VDROP
IOUT = 10mA, VOUT =3.3V
60
70
mV
IOUT = 100mA, VOUT =3.3V
600
700
IOUT = 200mA, VOUT =3.3V
1200 1400
Linear Regulation
ΔVLINE
VIN = (VOUT + 1V) to 12V,
IOUT = 1mA
0.2
%
Load Regulation
ΔVLOAD
1mA < IOUT < 200mA
2
%
Thermal Shutdown Temperature
TSD
150
°C
Thermal Shutdown Hysteresis
25
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com