Electronic Components Datasheet Search
  English  ▼

X  

LP6221A Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6221A
Description  High Efficiency 10A Boost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6221A Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6221A Datasheet HTML 1Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 2Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 3Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 4Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 5Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 6Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP6221A
Feb.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 7
Preliminary Datasheet
LP6221A
Application Information
The LP6221A uses a fixed frequency, peak current
mode boost regulator architecture to regulate voltage
at the feedback pin. At the start of each oscillator
cycle the MOSFET is turned on through the control
circuitry. To prevent sub-harmonic oscillations at
duty cycles greater than 50 percent, a stabilizing
ramp is added to the output of the current sense
amplifier and the result is fed into the negative input
of the PWM comparator. When this voltage equals
the output voltage of the error amplifier the power
MOSFET is turned off. The voltage at the output of
the error amplifier is an amplified version of the
difference between the 1.155V bandgap reference
voltage and the feedback voltage. In this way the
peak current level keeps the output in regulation. If
the feedback voltage starts to drop, the output of the
error amplifier increases. These results in more
current to flow through the power MOSFET, thus
increasing the power delivered to the output. The
LP6221A has internal soft start to limit the amount of
input current at startup and to also limit the amount of
overshoot on the output.
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 1.155V feedback voltage. Use a
20K resistor for RDN of the voltage divider. Determine
the high-side resistor RUP by the equation:
VOUT = (
RUP
RDN
+ 1) × VFB
Current Limitation
The internal power-MOS switch current is monitored
cycle-by-cycle and is limited to the value not exceed
10A(Typ.). When the switch current reaches the
limited value, the internal power-MOS is turned off
immediately until the next cycle. Keep traces at this
pin as short as possible. Do not put capacitance at
this pin.
Current limit program
A resistor between OC and GND pin programs peak
switch current. When the ROC value is between 10K
and 30K, the current limit will be set from 10A to 2A.
If the OC pin is left floating, the default current limit is
6A. Keep traces at this pin as short as possible. Do
not put capacitance at this pin.
Diode Selection
To achieve high efficiency, Schottky diode is good
choice for low forward drop voltage and fast
switching time. The output diode rating should be
able to handle the maximum output voltage, average
power dissipation and the pulsating diode peak
current.
Output Disconnect Control Function
The LP6221A can control the external MOS switch
through the OD pin. When EN is low, the OD pin is in
a high-impedance state. When EN is high, the OD
pin is pulled down to GND. This allows the
asynchronous boost to cut off the output in shutdown
mode.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com