Electronic Components Datasheet Search
  English  ▼

X  

LP6221A Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6221A
Description  High Efficiency 10A Boost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6221A Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6221A Datasheet HTML 1Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 2Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 3Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 4Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 5Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 6Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP6221A
Feb.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP6221A
High Efficiency 10A Boost DC/DC Convertor
General Description
The LP6221A is a current mode boost DC-DC
converter. Its PWM circuitry with built-in 10A current
power MOSFET makes this converter highly power
efficiently. The LP6221A implements a constant
frequency 500KHz PWM control scheme. The
LP6221A can drive up to 20V output voltage
The LP6221A includes under-voltage lockout, current
limiting, and thermal overload protection to prevent
damage in the event of an output overload. The
LP6221A is available in ESOP-8 package.
Order Information
LP6221A
F: Pb-Free
Package Type
SP: ESOP-8
Features
Up to 94% efficiency
Output completely off at Shutdown Mode
Output voltage Up to 20V
Over Current Protection
Over Temperature Protection
500KHz fixed frequency switching
High switch on current: 10A
Available in ESOP-8 Package
Applications
Battery products
Host Products
Panel
Marking Information
Device
Marking
Package
Shipping
LP6221ASPF
LPS
LP6221A
YWX
ESOP-8
4K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number


Similar Part No. - LP6221A

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6221 POWER-LP6221 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
More results

Similar Description - LP6221A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ELP6230A E-CMOS-ELP6230A Datasheet
306Kb / 8P
High Efficiency 1A/30V Boost DC/DC Convertor
logo
Lowpower Semiconductor ...
LP6212A POWER-LP6212A Datasheet
731Kb / 7P
High Efficiency 4A Boost DC/DC Convertor
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
High Efficiency 2.1A Boost DC/DC Convertor
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
LP6230A POWER-LP6230A Datasheet
411Kb / 7P
High Efficiency 1.4A/30VBoost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
LP6235 POWER-LP6235 Datasheet
420Kb / 6P
High Efficiency 3A Boost DC/DC Convertor
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
High Efficiency 2.0A Boost DC/DC Convertor
LP6216 POWER-LP6216 Datasheet
596Kb / 8P
High Efficiency 3A Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com