Electronic Components Datasheet Search
  English  ▼

X  

LP6221A Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6221A
Description  High Efficiency 10A Boost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6221A Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6221A Datasheet HTML 1Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 2Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 3Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 4Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 5Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 6Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP6221A
Feb.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP6221A
Absolute Maximum Ratings Note 1
VIN to GND ----------------------------------------------------------------------------------------------------------- -0.3V to 16V
SW to GND ----------------------------------------------------------------------------------------------------------- -0.3V to 24V
OC/FB to GND --------------------------------------------------------------------------------------------------------- -0.3V to 6V
Other Pin to GND ---------------------------------------------------------------------------------------------------- -0.3V to 15V
Maximum Junction Temperature ----------------------------------------------------------------------------------------- 150°C
Operating Junction Temperature Range (TJ) -------------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) --------------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Maximum Power Dissipation (PD, TA=25℃) ---------------------------------------------------------------------------- 2.0W
Thermal Resistance (θJA) ------------------------------------------------------------------------------------------------- 46℃/W
ESD Susceptibility
HBM(Human Body Mode) ---------------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) ---------------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com