Electronic Components Datasheet Search
  English  ▼

X  

DBE Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd

Part # DBE
Description  Up to 300W Digital Fully Regulated Intermediate DC-DC Bus Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

DBE Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd

Back Button DBE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 10Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 11Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 12Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 13Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 14Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 15Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 16Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 17Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
www.murata-ps.com/support
FEATURES and OPTIONS
Conditions ➀
Minimum
Typical/Nominal
Maximum
Units
Remote On/Off Control
Primary On/Off control (designed to be driving with an open collector logic, Voltages referenced to -Vin)
“P” suffix:
Positive Logic, ON state
ON = pin open or external voltage
3.5
13.5
V
Positive Logic, OFF state
OFF = ground pin or external voltage
0
0.8
V
Control Current
open collector/drain
1
2
mA
“N” suffix:
Negative Logic, ON state
ON = ground pin or external voltage
-0.1
0.8
V
Negative Logic, OFF state
OFF = pin open or external voltage
3.5
13.5
V
Control Current
open collector/drain
1
2
mA
Remote Sense Compliance
Sense pins connected externally to respective
Vout pins
10
%
OUTPUT
Total Output Power
0
300
306
W
Voltage
Setting Accuracy
At 100% load, no trim
11.76
12
12.24
Vdc
Overvoltage Protection
Conf via PMBUS, Magnetic Feedback
13.8
14.4
15.6
Vdc
Voltage Droop (Conf via PMBUS)
without "S" suffix
0
MΩ
with "S" suffix
10
MΩ
Current
Output Current Range
0
25
A
Minimum Load
No minimum load
Current Limit Inception ➁
98% of Vnom., after warmup, Conf via PMBUS
27
29
31
A
Short Circuit
Short Circuit Current
Hiccup technique, autorecovery within 1% of Vout
0.4
1
A
Short Circuit Duration
(remove short for recovery)
Output shorted to ground, no damage
Continuous
Short circuit protection method
Hiccup current limiting
Non-latching
Regulation ➂
Line Regulation
Vin=min. to max., Vout=nom., full load
±75
mV
Load Regulation
Iout=min. to max., Vin=nom.
±45
mV
Ripple and Noise
5 Hz- 20 MHz BW, Cout=1µF MLCC
paralleled with 10µF
80
150
mV pk-pk
Temperature Coefficient
At all outputs
0.01
0.02
% of Vnom./°C
Maximum Output Capacitance
Low ESR
100
10,000
μF
Power Good—Negative logic (Conf via PMBUS)
Power good high stage voltage
2.4
3.6
Vdc
Power good low stage voltage
-0.1
0.4
Vdc
Out voltage for power good off triggering
Conf via PMBUS
8.64
9.6
10.56
Vdc
Out Voltage for power good on triggering
Conf via PMBUS
9.72
10.8
11.88
Vdc
PMBUS
PMBUS GENERAL
PMBUS REV. 1.2. SMBALERT# is supported. PEC is supported. Linear data format used.
Bus speed
400
Khz
Logic high input
2
3.3
Vdc
Logic low input
0
0.8
Vdc
Logic high output
2.4
3.6
Vdc
Logic low output
-0.1
0.4
Vdc
FUNCTIONAL SPECIFICATIONS, DBE0125 (12V, 25A, CONT.)
DBE/DVE Series
Up to 300W Digital Fully Regulated Intermediate
DC-DC Bus Converter
SDC_DBE Series.A07∆ Page 13 of 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com