Electronic Components Datasheet Search
  English  ▼

X  

DBE Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd

Part # DBE
Description  Up to 300W Digital Fully Regulated Intermediate DC-DC Bus Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

DBE Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd

Back Button DBE Datasheet HTML 17Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 18Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 19Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 20Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 21Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 22Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 23Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 24Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 25Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.murata-ps.com/support
MECHANICAL SPECIFICATIONS - DVE SERIES
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only
and may vary between units.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚
INPUT/OUTPUT CONNECTIONS
Pin
Designation
Function
1
+VIN
Positive Input
2
RC
Remote Control
4
–VIN
Negative Input
5
–VOUT
Negative Output
16
+VOUT
Positive Output
0.075
2.00
0.055
0.180
2.36
16
SEE NOTE 6
SEE NOTE 7
4
5
1
2
16
highest component
SEE NOTE 6
between standoffs and
0.005 minimum clearance
2
4
1
1
5
PINS 1,2,4,:
φ0.040±0.0015(1.016±0.038)
Shoulder:
φ0.076±0.005(1.93±0.13)
PINS 5,16:
φ0.062±0.0015(1.575±0.038)
Shoulder:
φ0.098±0.005(2.49±0.13)
between standoffs and
highest component
0.005 minimum clearance
M3 THREAD TYP 4PL
0.150
PINS 1,2,4,:
φ0.040±0.0015(1.016±0.038)
Shoulder:
φ0.076±0.005(1.93±0.13)
PINS 5,16:
φ0.062±0.0015(1.575±0.038)
Shoulder:
φ0.098±0.005(2.49±0.13)
RECOMMENDED FOOTPRINT
BOTTOM PIN SIDEVIEW
TOP VIEW
TOP VIEW
SIDE VIEW
OPEN FRAME
WITH BASEPLATE OPTION
2.000 (50.8)
2.30 (58.4)
2.30 (58.4)
2.000 (50.8)
2.000 (50.8)
×.×××in ,±0.01in(×.××mm,±0.25mm)
5:COMPONENT WILL VARY BETWEEN MODELS
6:STANDARD PIN LENGTH: 0.180 Inch
7:0.45" (Max) for the DBE0340 & DBE0540
0.46" (Max) for the DBE0125
FOR 1 PIN LENGTH OPTION IN MODEL NAME,
THE LENGTH SHOULD BE 0.110 INCH
FOR 2 PIN LENGTH OPTION, PLEASE SEE THE PART NUMBER STRUCTURE ON P. 2;
4:ALL TOLERANCES: ×.××in ,±0.02in(×.×mm,±0.5mm)
USE STANDARD 2 PIN WITH PIN LENGTH TO 0.145 Inch
NOTES:
UNLESS OTHERWISE SPECIFIED:
1:M3 SCREW USED TO BOLT UNIT'S BASEPLATE TO OTHER SURFACES
(SUCH AS HEATSINK) MUST NOT EXCEED 0.120''(3.0mm) DEPTH BELOW
THE SURFACE OF BASEPLATE
2:APPLIED TORQUE PER SCREW SHOULD NOT EXCEED 5.3In-lb(0.6Nm);
3:ALL DIMENSION ARE IN INCHES[MILIMETER];
DBE/DVE Series
Up to 300W Digital Fully Regulated Intermediate
DC-DC Bus Converter
SDC_DBE Series.A07∆ Page 21 of 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com