Electronic Components Datasheet Search
  English  ▼

X  

DBE Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd

Part # DBE
Description  Up to 300W Digital Fully Regulated Intermediate DC-DC Bus Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

DBE Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd

Back Button DBE Datasheet HTML 12Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 13Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 14Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 15Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 16Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 17Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 18Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 19Page - Murata Manufacturing Co., Ltd DBE Datasheet HTML 20Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
www.murata-ps.com/support
TYPICAL PERFORMANCE DATA, DBE0125 (12Vout, 25A)
Enable Startup Delay, 48Vin, 0Aout, 10000µf
Ripple & Noise @ 20MHz, Vin=48V, Iout=0A, Cout=0µf
Transient Response, 50%-75%, 0.1Avs µs, 48Vin, Cout=0µf
70
75
80
85
90
95
100
2.6
5.1
7.6
10.0
12.5
15.0
17.5
20.0
22.5
25.0
Load Current (A)
Vin = 75V
Vin = 48V
Vin = 36V
Ripple & Noise @ 20MHz, Vin=48V, Iout=25A, Cout=0µf
Enable Startup Delay, 48Vin, 25Aout, 10000µf
Efficiency vs. Load Current @ 25°C, with baseplate
DBE/DVE Series
Up to 300W Digital Fully Regulated Intermediate
DC-DC Bus Converter
SDC_DBE Series.A07∆ Page 16 of 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com