Electronic Components Datasheet Search
  English  ▼

X  

4941 Datasheet(PDF) 4 Page - 3M Electronics

Part # 4941
Description  Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4941 Datasheet(HTML) 4 Page - 3M Electronics

  4941 Datasheet HTML 1Page - 3M Electronics 4941 Datasheet HTML 2Page - 3M Electronics 4941 Datasheet HTML 3Page - 3M Electronics 4941 Datasheet HTML 4Page - 3M Electronics 4941 Datasheet HTML 5Page - 3M Electronics 4941 Datasheet HTML 6Page - 3M Electronics 4941 Datasheet HTML 7Page - 3M Electronics 4941 Datasheet HTML 8Page - 3M Electronics 4941 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3M™ VHB™ Tapes
- 4 -
Typical Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ VHB™ Tapes
Family
Product
Number
Colour
Thickness
Inches
4919F
Black
0.025
17 (30)
90 (620)
80 (550)
4926
Grey
0.015
14 (25)
95 (660)
90 (620)
4936(F)
Grey
0.025
17 (30)
90 (620)
80 (550)
4941(F)
Grey
0.045
22 (39)
85 (590)
70 (480)
4947F
Black
0.045
22 (39)
85 (590)
70 (480)
4956(F)
Grey
0.062
22 (39)
80 (550)
70 (480)
4979F
Black
0.062
22 (39)
80 (550)
70 (480)
4991
Grey
0.090
22 (39)
70 (480)
65 (450)
4991B
Black
0.090
22 (39)
70 (480)
65 (450)
RP16(F)
Grey
0.016
12 (21)
95 (660)
90 (620)
RP25F)
Grey
0.025
17 (30)
90 (620)
80 (550)
RP32F)
Grey
0.032
18 (32)
85 (590)
75 (520)
RP45(F)
Grey
0.045
20 (35)
85 (590)
70 (480)
RP62(F)
Grey
0.062
20 (35)
80 (550)
70 (480)
5906
Black
0.006
9 (16)
100 (690)
100 (690)
5907
Black
0.008
10 (18)
100 (690)
100 (690)
5908
Black
0.010
12 (21)
100 (690)
100 (690)
5909
Black
0.012
12 (21)
100 (690)
100 (690)
5915(P)
Black
0.016
14 (25)
90 (620)
90 (620)
5915WF
White
0.016
14 (25)
90 (620)
90 (620)
5925(P)
Black
0.025
17 (30)
90 (620)
90 (620)
5925WF
White
0.025
17 (30)
90 (620)
90 (620)
5930(P)
White
0.032
19 (33)
90 (620)
85 (590)
5930WF
Black
0.032
19 (33)
90 (620)
85 (590)
5952(P)
Black
0.045
22 (39)
90 (620)
80 (550)
5952WF
White
0.045
22 (39)
90 (620)
80 (550)
5958FR
Black
0.040
20 (35)
100 (690)
100 (690)
5962(P)
Black
0.062
22 (39)
90 (620)
80 (550)
5962WF
White
0.062
22 (39)
90 (620)
80 (550)
Dynamic Adhesion Performance
90° Peel Adhesion
lb/in N/cm
Normal Tensile
lb/in2 kPa
Dynamic Overlap Shear
lb/in2 kPa
90° Peel Adhesion - Based on ASTM D3330 -To stainless steel, room temperature, jaw speed 12 in/min (304.8 mm/min). Average force to
remove is measured. 72 hour dwell.
Normal Tensile (T-Block Tensile) - ASTM D-897 - To aluminum, room temperature, 1 in2 (6.45 cm2), jaw speed 2 in/min (50.8 mm/min) Peak
force to separate is measured. 72 hour dwell.
Dynamic Overlap Shear - ASTM D-1002 - To stainless steel, room temperature, 1 in2 (6.45 cm2), jaw speed 0.5 in/min (12.7 mm/min) Peak
force to separate is measured. 72 hour dwell.
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com