Electronic Components Datasheet Search
  English  ▼

X  

4941 Datasheet(PDF) 5 Page - 3M Electronics

Part # 4941
Description  Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4941 Datasheet(HTML) 5 Page - 3M Electronics

  4941 Datasheet HTML 1Page - 3M Electronics 4941 Datasheet HTML 2Page - 3M Electronics 4941 Datasheet HTML 3Page - 3M Electronics 4941 Datasheet HTML 4Page - 3M Electronics 4941 Datasheet HTML 5Page - 3M Electronics 4941 Datasheet HTML 6Page - 3M Electronics 4941 Datasheet HTML 7Page - 3M Electronics 4941 Datasheet HTML 8Page - 3M Electronics 4941 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3M™ VHB™ Tapes
- 5 -
Typical Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ VHB™ Tapes
Family
Product
Number
Colour
Thickness
Inches
Static Shear
72°F
(22°C)
150°F
(66°C)
200°F
(93°C)
250°F
(121°C)
Temperature Tolerance
Short Term
(Minutes, Hours)
°F (°C)
Long Term
(Days, Weeks)
°F (°C)
4919F
Black
0.025
1000
500
500
300 (149)
200 (93)
4926
Grey
0.015
1000
500
500
300 (149)
200 (93)
4936(F)
Grey
0.025
1000
500
500
300 (149)
200 (93)
4941(F)
Grey
0.045
1000
500
500
300 (149)
200 (93)
4947F
Black
0.045
1000
500
500
300 (149)
200 (93)
4956(F)
Grey
0.062
1000
500
500
300 (149)
200 (93)
4979F
Black
0.062
1000
500
500
300 (149)
200 (93)
4991
Grey
0.090
1000
500
500
250 (121)
200 (93)
4991B
Black
0.090
1000
500
500
250 (121)
200 (93)
RP16(F)
Grey
0.016
1000
500
500
250 (121)
200 (93)
RP25(F)
Grey
0.025
1000
500
500
250 (121)
200 (93)
RP32(F)
Grey
0.032
1000
500
500
250 (121)
200 (93)
RP45(F)
Grey
0.045
1000
500
500
250 (121)
200 (93)
RP62(F)
Grey
0.062
1000
500
500
250 (121)
200 (93)
5906
Black
0.006
1000
500
500
250
300 (149)
250 (121)
5907
Black
0.008
1000
500
500
250
300 (149)
250 (121)
5908
Black
0.010
1000
500
500
250
300 (149)
250 (121)
5909
Black
0.012
1000
500
500
250
300 (149)
250 (121)
5915(P)
Black
0.016
1000
500
500
250
300 (149)
250 (121)
5915WF
White
0.016
1000
500
500
250
300 (149)
250 (121)
5925(P)
Black
0.025
1000
500
500
250
300 (149)
250 (121)
5925WF
Black
0.032
1000
500
500
250
300 (149)
250 (121)
5930(P)
Black
0.032
1000
500
500
250
300 (149)
250 (121)
5930WF
White
0.032
1000
500
500
250
300 (149)
250 (121)
5952(P)
Black
0.045
1000
500
500
250
300 (149)
250 (121)
5952WF
White
0.045
1000
500
500
250
300 (149)
250 (121)
5958FR
Black
0.040
1000
350
250
300 (149)
200 (93)
5962(P)
Black
0.062
1000
500
500
250
300 (149)
250 (121)
5962WF
White
0.062
1000
500
500
250
300 (149)
250 (121)
Static Shear - ASTM D3654 - To stainless steel, tested at various temperatures and gram loadings. 0.5 in2 (3.23 cm2).
Will hold listed weight for 10,000 minutes (approximately 7 days). Conversion: 1500 g/0.5 in2 equals 6.6 lb/in2; 500 g/0.5 in2 = 2.2 lb/in2.
Short Term Temperature Tolerance - No change in room temperature dynamic shear properties following 4 hours conditioning at indicated
temperature with 100 g/static load. (Represents minutes, hours in a process type temperature exposure).
Long Term Temperature Tolerance - Maximum temperature where tape supports at least 250 g load per 0.5 in2 in static shear for
10,000 minutes. (Represents continuous exposure for days or weeks).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com