Electronic Components Datasheet Search
  English  ▼

X  

4941 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4941
Description  Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4941 Datasheet(HTML) 1 Page - 3M Electronics

  4941 Datasheet HTML 1Page - 3M Electronics 4941 Datasheet HTML 2Page - 3M Electronics 4941 Datasheet HTML 3Page - 3M Electronics 4941 Datasheet HTML 4Page - 3M Electronics 4941 Datasheet HTML 5Page - 3M Electronics 4941 Datasheet HTML 6Page - 3M Electronics 4941 Datasheet HTML 7Page - 3M Electronics 4941 Datasheet HTML 8Page - 3M Electronics 4941 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product Description:
3M™ VHB™ Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior
bonding applications. In many situations, they can replace rivets, spot welds, liquid adhesives and other permanent fasteners.
These 3M™ VHB™ Tapes are made with acrylic foam which is viscoelastic in nature. This gives the foam energy absorbing and
stress relaxing properties which provides these tapes with their unique characteristics. The acrylic chemistry provides outstanding
durability performance.
These tapes utilize a variety of specific foam, adhesive, colour and release liner types to provide each product/family with specific
features. These features can include adhesion to specific or a broad range of materials, conformability, high tensile strength, high
shear and peel adhesion, resistance to plasticizer migration, and UL746C recognition. All 3M™ VHB™ Tapes have excellent
durability and excellent solvent and moisture resistance.
The tapes included in this data page represent products most commonly used by customers. Please refer to “3M™ VHB™ Tape Specialty Tapes”
technical data sheet for additional 3M™ VHB™ Tapes that may be required in special circumstances.
3M™ VHB™ Tape Products
4941 Family
This family utilizes multi-purpose acrylic adhesive on both sides of
a conformable adhesive foam core. The adhesive provides excellent
adhesion to a broad range of high and medium surface energy substrates
including metals, glass, and a wide variety of plastics, as well as
plasticized vinyl. The conformable adhesive foam core provides good
contact, even with mismatched substrates. The combination of foam
strength, conformability, and adhesion makes this family one of the most
capable all-around 3M™ VHB™ Tapes.
Tape Number
Colour
Thickness in (mm)
4919F
Black
0.025 (0.6)
4926
Grey
0.015 (0.4)
4936(F)
Grey
0.025 (0.6)
4941(F)
Grey
0.045 (1.1)
4947F
Black
0.045 (1.1)
4956(F)
Grey
0.062 (1.6)
4979F
Black
0.062 (1.6)
4991
Grey
0.090 (2.3)
4991B
Black
0.090 (2.3)
5952 Family
This family utilizes modified acrylic adhesive on both sides of a very
conformable adhesive foam core, providing adhesion the broadest range
of substrates, including most powder coated paints.
Tape Number
Colour
Thickness in (mm)
5906
Black
0.006 (0.15)
5907
Black
0.008 (0.20)
5908
Black
0.010 (0.25)
5909
Black
0.012 (0.30)
5915(P)
Black
0.016 (0.4)
5915WF
White
0.016 (0.4)
5925(P)
Black
0.025 (0.6)
5925WF
White
0.025 (0.6)
5930(P)
Black
0.032 (0.8)
5930WF
White
0.032 (0.8)
5952(P)
Black
0.045 (1.1)
5952WF
White
0.045 (1.1)
5958FR
Black
0.040 (1.0)
5962(P)
Black
0.062 (1.6)
5962WF
Black
0.062 (1.6)
RP Family
This family utilizes multi-purpose acrylic adhesive on both sides of a
conformable adhesive foam core. The adhesive provides good adhesion
to a broad range of high and medium surface energy substrates including
metals, glass, and a wide variety of plastics.
The conformable adhesive foam core provides good contact, even with
mismatched substrates
Tape Number
Colour
Thickness in (mm)
RP16(F)
Grey
0.016 (0.4)
RP25(F)
Grey
0.025 (0.6)
RP32(F)
Grey
0.032 (0.8)
RP45(F)
Grey
0.045 (1.1)
RP62(F)
Grey
0.062 (1.6)
(P) or (F) after the product number designates that both a paper and film liner product version are available. [e.g. 4941 (paper liner) and 4941F (film liner), 5915 (film liner) and 5915P (paper liner).
See page 2 for specific details.
3
VHB™ Tapes
Technical Data
November 2015


Similar Part No. - 4941

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4941 3M-4941 Datasheet
641Kb / 10P
VHB™ Tapes
Jun-2011
logo
List of Unclassifed Man...
4941 ETC2-4941 Datasheet
1Mb / 16P
Drywall Punch
logo
Heyco.
4941 HEYCO-4941 Datasheet
122Kb / 1P
Filter Insert Vent Plugs
logo
Littelfuse
494158 LITTELFUSE-494158 Datasheet
29Kb / 1P
Temporary Deviation: Notification of removal of UL recognition mark on 154 series
logo
Theben AG
4941621 THEBEN-4941621 Datasheet
587Kb / 2P
KNX Flush-mounted actuators
23/11/2024
More results

Similar Description - 4941

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10F201FC MCNIX-MX10F201FC Datasheet
244Kb / 47P
High-Performance and Low Power Microcontroller designed for Use Many Applications
logo
National Semiconductor ...
LMH0026 NSC-LMH0026_1 Datasheet
161Kb / 4P
Replacing the CLC016 Replacing the CLC016 reclocker in many applications
logo
SHANGHAI BELLING CO., L...
BL24C02 BELLING-BL24C02 Datasheet
367Kb / 15P
The device is optimized for use in many industrial and commercial applications
BL24C32 BELLING-BL24C32 Datasheet
260Kb / 13P
The device is optimized for use in many industrial and commercial applications
BL24C128 BELLING-BL24C128 Datasheet
373Kb / 14P
The device is optimized for use in many industrial and commercial applications
logo
Littelfuse
IDSR LITTELFUSE-IDSR Datasheet
470Kb / 2P
The IDSR combines a 600 VDC capability with indication to provide an ideal solution for many DC applications.
logo
STMicroelectronics
AN4230 STMICROELECTRONICS-AN4230 Datasheet
705Kb / 24P
Many standards have created requirements and references for the construction
13-May-2013
logo
Aries Electronics, Inc.
680 ARIES-680 Datasheet
897Kb / 1P
Complete versatility for programming within the unit itself, thus eliminating the need for DIP switches in many situations
logo
OSRAM GmbH
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
logo
Ultralife Corporation.
BA-5347U ULTRALIFE-BA-5347U Datasheet
278Kb / 2P
Many other military applications
08 OCT 20 Rev: K
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com