Electronic Components Datasheet Search
  English  ▼

X  

2183P Datasheet(PDF) 1 Page - Belden Inc.

Part # 2183P
Description  4K UHD Media Cable, 4 Pr #23, F/UTP Flamarrest짰 Jacket, CMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2183P Datasheet(HTML) 1 Page - Belden Inc.

  2183P Datasheet HTML 1Page - Belden Inc. 2183P Datasheet HTML 2Page - Belden Inc. 2183P Datasheet HTML 3Page - Belden Inc. 2183P Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: 2183P
4K UHD Media Cable, 4 Pr #23, F/UTP Flamarrest® Jacket, CMP
Product Description
4 Pair 23 AWG Solid Bare Copper Conductors, FEP Insulation, F/UTP, Helical TC Drain, Ripcord, Flamarrest® Jacket, Plenum CMP-LP (0.6A)
Technical Specifications
Product Overview
Suitable Applications:
HDBaseT, Full 5-Play, 4K (UHD/DCI), POH, POE
Physical Characteristics (Overall)
Conductor
Element AWG Stranding
Material
No. of Pairs
Pair(s)
23
Solid
BC - Bare Copper 4
Conductor Count:
8
Total Number of Pairs:
4
Insulation
Element
Material
Nominal Wall Thickness
Pair(s)
FEP - Fluorinated Ethylene Propylene 0.010 in
Bonded-Pair:
Yes
Color Chart
Number
Color
1
White/Blue Stripe & Blue
2
White/Orange Stripe & Orange
3
White/Green Stripe & Green
4
White/Brown Stripe & Brown
Outer Shield Material
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG
Tape Alum / Poly Beldfoil®
100%
TC - Tinned Copper 26
Outer Jacket Material
Material
Material Trade Name Nominal Diameter Nominal Wall Thickness Ripcord
PVC - Polyvinyl Chloride Flamarrest®
0.270 in
0.018 in
Yes
Electrical Characteristics
Conductor DCR
Max. Conductor DCR Max. DCR Unbalance
93.8 Ohm/km
5 %
Capacitance
Max. Capacitance Unbalance Nom.Mutual Capacitance
330 pF/100m
15 pF/ft
High Frequency (Nominal/Typical)


Similar Part No. - 2183P

ManufacturerPart #DatasheetDescription
logo
Heyco.
2183 HEYCO-2183 Datasheet
106Kb / 1P
Snap Bushings
logo
Adafruit Industries
2183 ADAFRUIT-2183 Datasheet
129Kb / 2P
Blank SMT Storage Pages for 12 strips of 8mm Tape
2/23/2015
logo
Molex Electronics Ltd.
218310 MOLEX-218310 Datasheet
679Kb / 5P
Off-the-Shelf (OTS) Discrete Wire Cable Assemblies
2024.04 Rev.7
218310 MOLEX-218310 Datasheet
37Kb / 1P
Mini-Fit Family Power Connectors
10/07/2021
218310-1021 MOLEX-218310-1021 Datasheet
37Kb / 1P
Mini-Fit Family Power Connectors
10/07/2021
More results

Similar Description - 2183P

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10GX53F BELDEN-10GX53F Datasheet
252Kb / 4P
CAT6A (625MHz), 4 Unbonded Pairs, F/UTP-Foil Shielded, CMP
7931A BELDEN-7931A Datasheet
276Kb / 3P
DataTuff짰 6, 4 Bonded-Pr #23 Sol BC, FEP Ins, FEP Jkt, CMP CMP-LC
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
1213F BELDEN-1213F Datasheet
166Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1533P BELDEN-1533P Datasheet
162Kb / 3P
Category 5e Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
10GXW53 BELDEN-10GXW53 Datasheet
143Kb / 2P
10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
IOP6AF BELDEN-IOP6AF Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6F BELDEN-IOP6F Datasheet
158Kb / 3P
Category 6 Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
M58183 BELDEN-M58183 Datasheet
238Kb / 3P
Mohawk Category 6 Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1352A BELDEN-1352A Datasheet
167Kb / 3P
Category 6 Cable, 4 Pair, F/UTP, CMP
01-20-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com