Electronic Components Datasheet Search
  English  ▼

X  

2183P Datasheet(PDF) 3 Page - Belden Inc.

Part # 2183P
Description  4K UHD Media Cable, 4 Pr #23, F/UTP Flamarrest짰 Jacket, CMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2183P Datasheet(HTML) 3 Page - Belden Inc.

  2183P Datasheet HTML 1Page - Belden Inc. 2183P Datasheet HTML 2Page - Belden Inc. 2183P Datasheet HTML 3Page - Belden Inc. 2183P Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NEC/(UL) Compliance:
CMP
CEC/C(UL) Compliance:
CMP
IEC Compliance:
11801 ed 2.2 (2011) Class D
IEEE Compliance:
POE per 802.3af & POE+ 802.3at-2009
Other Compliance:
C(UL)US CMP 90C OR (UL) CMR-LP (0.6A) OR CL3R-LP (0.6A) OR POH, HDBaseT Recommended Cable
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Plenum
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
Yes
EU CE Mark:
Yes
EU REACH SVHC Compliance (yyyy-mm-dd):
2017-07-10
EU RoHS Compliance Date (yyyy-mm-dd):
2004-01-01
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Indoor:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
NFPA 262
CSA Flammability:
FT6
UL voltage rating:
300 V
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Part Number
Non-Plenum Number:
2183R
Variants
Item #
Color
Putup Type
Length
UPC
2183P 010A250
Black
Reel-in-Box
250 ft
612825392958
2183P 0101000
Black
Reel
1,000 ft 612825391678
2183P 010A1000 Black
Reel-in-Box
1,000 ft 612825391708
2183P 010Z1000
Black
ReelTuff Box 1,000 ft 612825433231
2183P D15A1000 Blue
Reel-in-Box
1,000 ft 612825391685
2183P D15Z1000 Blue
ReelTuff Box 1,000 ft 612825433286
2183P 009A1000 White
Reel-in-Box
1,000 ft 612825391692
2183P 009Z1000
White
ReelTuff Box 1,000 ft 612825433187
Product Notes
Notes:
Values Above 100 MHz are for Engineering Information Only. Print Includes Descending Footage Markings.
History
Update and Revision:
Revision Number: 0.249 Revision Date: 08-12-2020
© 2020 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com