Electronic Components Datasheet Search
  English  ▼

X  

2183P Datasheet(PDF) 2 Page - Belden Inc.

Part # 2183P
Description  4K UHD Media Cable, 4 Pr #23, F/UTP Flamarrest짰 Jacket, CMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2183P Datasheet(HTML) 2 Page - Belden Inc.

  2183P Datasheet HTML 1Page - Belden Inc. 2183P Datasheet HTML 2Page - Belden Inc. 2183P Datasheet HTML 3Page - Belden Inc. 2183P Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Frequency [MHz] Nom. Insertion Loss
1 MHz
2 dB/100m
4 MHz
3.8 dB/100m
8 MHz
4.3 dB/100m
10 MHz
5.9 dB/100m
16 MHz
7.5 dB/100m
20 MHz
8.3 dB/100m
25 MHz
9.3 dB/100m
31.2 MHz
10.4 dB/100m
62.5 MHz
14.8 dB/100m
100 MHz
18.8 dB/100m
125 MHz
21 dB/100m
155 MHz
23 dB/100m
175 MHz
24.9 dB/100m
Delay
Frequency [MHz]
Max. Delay
Max. Delay Skew
100 MHz
537.6 ns/100m 45 ns/100m
High Freq
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min. NEXT
[dB]
Min. PSNEXT
[dB]
Min. ACR
[dB]
Min. PSACR
[dB]
Min. ACRF
(ELFEXT) [dB]
Min. PSACRF
(PSELFEXT) [dB]
Min. RL (Return
Loss) [dB]
Max./Min. Input Impedance
(unFitted)
1 MHz
2.0 dB/100m
65.3 dB
62.3 dB
63.3 dB
60.3 dB
63.8 dB
60.8 dB
20.0 dB
100 +/- 15
4 MHz
3.8 dB/100m
56.3 dB
53.3 dB
52.5 dB
49.5 dB
51.8 dB
48.8 dB
23.0 dB
100 +/- 15
8 MHz
5.3 dB/100m
51.8 dB
48.8 dB
46.5 dB
43.5 dB
45.7 dB
42.7 dB
24.5 dB
100 +/- 15
10 MHz
5.9 dB/100m
50.3 dB
47.3 dB
44.4 dB
41.4 dB
43.8 dB
40.8 dB
25.0 dB
100 +/- 15
16 MHz
7.5 dB/100m
47.2 dB
44.2 dB
39.8 dB
36.8 dB
39.7 dB
36.7 dB
25.0 dB
100 +/- 15
20 MHz
8.4 dB/100m
45.8 dB
42.8 dB
37.4 dB
34.4 dB
37.8 dB
34.8 dB
25.0 dB
100 +/- 15
25 MHz
9.3 dB/100m
44.3 dB
41.3 dB
35.0 dB
32.0 dB
35.8 dB
32.8 dB
24.3 dB
100 +/- 15
31.25 MHz
10.5 dB/100m
42.9 dB
39.9 dB
32.4 dB
29.4 dB
33.9 dB
30.9 dB
23.6 dB
100 +/- 15
62.5 MHz
14.8 dB/100m
38.4 dB
35.4 dB
23.6 dB
20.6 dB
27.9 dB
24.9 dB
21.5 dB
100 +/- 15
100 MHz
18.8 dB/100m
35.3 dB
32.3 dB
16.5 dB
13.5 dB
23.8 dB
20.8 dB
20.1 dB
100 +/- 15
125 MHz
21.0 dB/100m
33.8 dB
30.8 dB
12.8 dB
9.8 dB
21.9 dB
18.9 dB
19.4 dB
100 +/- 22
155 MHz
23.4 dB/100m
32.4 dB
29.4 dB
9.0 dB
6.0 dB
20.0 dB
17.0 dB
18.8 dB
100 +/- 22
175 MHz
24.9 dB/100m
31.7 dB
28.7 dB
6.8 dB
3.8 dB
18.9 dB
15.9 dB
18.4 dB
100 +/- 22
200 MHz
26.6 dB/100m
30.8 dB
27.8 dB
4.1 dB
1.1 dB
17.8 dB
14.8 dB
18.0 dB
100 +/- 22
250 MHz
29.8 dB/100m
29.3 dB
26.3 dB
15.8 dB
12.8 dB
17.3 dB
100 +/- 22
300 MHz
32.7 dB/100m
28.1 dB
25.1 dB
14.3 dB
11.3 dB
16.8 dB
100 +/- 22
400 MHz
35.4 dB/100m
27.1 dB
24.1 dB
12.9 dB
9.9 dB
16.3 dB
100 +/- 22
450 MHz
37.9 dB/100m
26.3 dB
23.3 dB
11.8 dB
8.8 dB
15.9 dB
100 +/- 32
500 MHz
42.5 dB/100m
24.8 dB
21.8 dB
9.8 dB
6.8 dB
15.2 dB
100 +/- 32
Voltage
UL Description UL Voltage Rating
CMP
300 V
Temperature Range
Installation Temp Range:
0°C To +75°C
UL Temp Rating:
90°C
Storage Temp Range:
-20°C to +75°C
Operating Temp Range:
-20°C to +75°C
Mechanical Characteristics
Cold Bend Test:
-20°C Compliance per UL 1581
Bulk Cable Weight:
36 lbs/1000ft
Max. Pull Tension:
45 lbs
Min Bend Radius During Installation:
2.7 in
Min Bend Radius/Minor Axis:
1.0 in
Standards
NEC Articles:
Article 800



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com