Electronic Components Datasheet Search
  English  ▼

X  

HM5083E Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5083E
Description  3A Synchronous Buck 3 Cells Li-ion Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5083E Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5083E Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
- 7 -
CV adjustment
Battery termination voltage default set to 12.6V. If other CV voltage wanted, the follow equations
change the CV voltage.
If increase CV voltage, connect a resistor from FBADJ to GND. the increased voltage determined by:
If decrease CV voltage, connect a resistor from battery to FBADJ, the decreased voltage determined
by
Rdivup=156K
Rdivdown=156K/5 for 3cell
Shutdown
The
HM5083 can be shut down by pulling the NTC pin to VIN. When the NTC pin is released, the internal
timer is reset and a new charge cycle starts.
Inductor Selection
A operating frequency was chosen for the buck switcher in order to minimize the size of the inductor.
However, take care to use inductors with low core loss at this frequency. To calculate the inductor
ripple current:
Charge Status Indicator (STAT)
The charge status output has two different states: strong pull-down (~5mA) and high impedance. The
strong pull-down state indicates that the
HM5083 is in a charge cycle. Once the charge cycle has
terminated, the pin state is determined by under voltage lockout conditions. High impedance indicates
that the charge cycle complete.
Layout Considerations
Switch rise and fall times are kept under 5ns for maximum efficiency. To minimize radiation, the SW pin
and input bypass capacitor leads (between VIN and GND) should be kept as short as possible. A
ground plane should be used under the switching circuitry to prevent inter plane coupling. The
Exposed Pad must be connected to the ground plane for proper power dissipation. The other paths
contain only DC and/or 500KHz tri-wave ripple current and are less critical. With the exception of the
input and output filter capacitors (which should be connected to GND) all other components that return
to ground.
2.1
=
divup
trim
VR
R

2.1
= CV
divdown
trim
V
VR
R

3A Synchronous Buck 3 Cells Li-ion Charger
HM5083



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com