Electronic Components Datasheet Search
  English  ▼

X  

HM5083E Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5083E
Description  3A Synchronous Buck 3 Cells Li-ion Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5083E Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5083E Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PACKAGE AND APPLICATION
ORDING INFORMATION
Part Number
Package Type
Package Qty
Op Temp(°C)
HM5083E
ESOP8
4000
-40~85
HM5083D
DFN10
3000
-40~85
MARK INFORMATION
- 2 -
3A Synchronous Buck 3 Cells Li-ion Charger
HM5083
VIN
LV5
STAT
NTC
LX
BST
SNS
VBAT
R2
5.1K
D1
R3
10K
NTC
C3
1uF
R1 20R
VIN
BAT
L1
4.7uH
C4
0.1uF
+ C5
47uF
R4
45mR
+ C1
47uF
C2
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com