Electronic Components Datasheet Search
  English  ▼

X  

HM5083E Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5083E
Description  3A Synchronous Buck 3 Cells Li-ion Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5083E Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5083E Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083E Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS (1)
Over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VIN /VBAT/SNS/LX
to GND
VIN, VBAT, SNS,LX
-0.3
25
V
BST to LX
BST,LX
-0.3
6.5
ALL OTHER PINS to
GND
VIN, BAT, SNS, LX, BST
-0.3
13
V
ESD rating, Human
Body Model (HBM)
VIN
2
kV
BAT, SNS, LX, GND ,BST
3
ESD rating,
Charging Device
Model (CDM)
200
V
Operating Junction
Temperature
TJ
-40
125
C
Storage
Temperature Range
Tstg
-65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
THERMAL METRIC(θJA)
UNIT
ESOP8
Package thermal impedance(1)
45
°C/W
DFN8
Package thermal impedance(1)
65
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
- 3 -
3A Synchronous Buck 3 Cells Li-ion Charger
HM5083



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com