Electronic Components Datasheet Search
  English  ▼

X  

CUB5 Datasheet(PDF) 6 Page - Red Lion Controls. Inc

Part # CUB5
Description  MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5 Datasheet(HTML) 6 Page - Red Lion Controls. Inc

Back Button CUB5 Datasheet HTML 2Page - Red Lion Controls. Inc CUB5 Datasheet HTML 3Page - Red Lion Controls. Inc CUB5 Datasheet HTML 4Page - Red Lion Controls. Inc CUB5 Datasheet HTML 5Page - Red Lion Controls. Inc CUB5 Datasheet HTML 6Page - Red Lion Controls. Inc CUB5 Datasheet HTML 7Page - Red Lion Controls. Inc CUB5 Datasheet HTML 8Page - Red Lion Controls. Inc CUB5 Datasheet HTML 9Page - Red Lion Controls. Inc CUB5 Datasheet HTML 10Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
5.0 reviewinG the front ButtonS and diSplay
SEL
RST
PROGRAMMING MODE ENTRY (SEL KEY)
It is recommended all programming changes be made off line, or before
installation. The meter normally operates in the Display Mode. No parameters
can be programmed in this mode. The Programming Mode is entered by
pressing and holding the SEL key. If it is not accessible then it is locked by
either a security code, or a hardware lock.
MODULE ENTRY (SEL & RST KEYS)
The Programming Menu is organized into separate modules. These modules
group together parameters that are related in function. The display will alternate
between Pro and the present module. The RST key is used to select the desired
module. The displayed module is entered by pressing the SEL key.
MODULE MENU (SEL KEY)
Each module has a separate module menu (which is shown at the start of each
module discussion). The SEL key is pressed to advance to a particular parameter
to be changed, without changing the programming of preceding parameters.
After completing a module, the display will return to Pro NO. Programming may
continue by accessing additional modules.
SELECTION / VALUE ENTRY
For each parameter, the display alternates between the present parameter and
the selections/value for that parameter. The RST key is used to move through the
selections/values for that parameter. Pressing the SEL key, stores and activates the
displayed selection/value. This also advances the meter to the next parameter.
For numeric values, press the RST key to access the value. The right hand
most digit will begin to flash. Pressing the RST key again increments the digit
by one or the user can hold the RST key and the digit will automatically scroll.
The SEL key will advance to the next digit. Pressing and holding the SEL key
will enter the value and move to the next parameter.
PROGRAMMING MODE EXIT (SEL KEY)
The Programming Mode is exited by pressing the SEL key with Pro NO
displayed. This will commit any stored parameter changes to memory and
return the meter to the Display Mode. (If power loss occurs before returning to
the Display Mode, verify recent parameter changes.)
PROGRAMMING TIPS
It is recommended to start with Module 1 for counting or Module 2 for rate.
When programming is complete, it is recommended to record the parameter
programming and lock out parameter programming with the user input or
programming security code.
FACTORY SETTINGS
Factory settings may be completely restored in Module 3. This is useful when
encountering programming problems.
ALTERNATING SELECTION DISPLAY
In the explanation of the modules, the following dual display with arrows will
appear. This is used to illustrate the display alternating between the parameter
on top and the parameter’s factory setting on the bottom. In most cases,
selections and values for the parameter will be listed on the right.
6.0 proGraMMinG the Meter
Parameters
Output
Setpoint
Parameters
Input Setup
Pro
DISPLAY
MODE
Panel Key
Rate Setup
Parameters
3-dSPLAY
Parameters
Display and Front
NO
SEL
RST
SEL
SEL
SEL
SEL
2-rAtE
1-INPUt
4-SEtPt
5-SEriAL
SEL
Serial
Setup
Parameters
OVERVIEW
PROGRAMMING MENU
Indicates Program Mode Alternating Display
Factory Settings are shown.
Parameter
Selection/Value
KEY
DISPLAY MODE OPERATION
ENTERING PROGRAM MODE
PROGRAMMING MODE OPERATION
SEL
Index display through enabled values
Press and hold for 2 seconds to activate
Store selected parameter and index to next parameter
RST
Resets count display(s) and/or outputs
Advances through the program menu/
Increments selected parameter value or selection
OPERATING MODE DISPLAY DESIGNATORS
“R” - To the left of the display is the rate value.
- Counter A has no designator.
“b” - To the left of the display is the Counter B value (dual count or batch).
“1” and “2” - Indicates setpoint 1 and 2 output status.
Pressing the SEL button toggles the meter through the selected displays. If display scroll is enabled, the display will toggle automatically every four seconds between
the rate and count values.
Cnt ud
INP A-b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com