Electronic Components Datasheet Search
  English  ▼

X  

CUB5 Datasheet(PDF) 11 Page - Red Lion Controls. Inc

Part # CUB5
Description  MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5 Datasheet(HTML) 11 Page - Red Lion Controls. Inc

Back Button CUB5 Datasheet HTML 7Page - Red Lion Controls. Inc CUB5 Datasheet HTML 8Page - Red Lion Controls. Inc CUB5 Datasheet HTML 9Page - Red Lion Controls. Inc CUB5 Datasheet HTML 10Page - Red Lion Controls. Inc CUB5 Datasheet HTML 11Page - Red Lion Controls. Inc CUB5 Datasheet HTML 12Page - Red Lion Controls. Inc CUB5 Datasheet HTML 13Page - Red Lion Controls. Inc CUB5 Datasheet HTML 14Page - Red Lion Controls. Inc CUB5 Datasheet HTML 15Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
6.4 Module 4 - Setpoint output paraMeterS (4-SEtPt)
SEL
Setpoint 2
Enable
Setpoint
Select
Setpoint
Assignment
Setpoint
Output Logic
Setpoint
Output
Action
Setpoint
Value
Setpoint
Output
Time-out
SP2 Only
Setpoint
Annunciator
SPt SEL
4-SEtPt
SP2 Enb
SPn ASN
SPn ACt
SPn tOUt
SPn VAL
SPn OUt
SPn LIt
PPrroo
SPn P-UP
SPn StbY
Setpoint
Standby
Operation
Setpoint
Boundary
Type
SPn tYPE
Counter
Auto Reset
SPn AUtO
SPn ChC
Change Display
Color with
Output State
SP2 Output
Off at SP1
Output
SP1 Output
Off at SP2
Output
SP1 OFF2
SP2 OFF1
Setpoint
Output Reset
with Manual
Reset
SPn rSt
Setpoint Output
Power-up
State
SP1 Only
SP2 Only
Backlight
Unit Only
PARAMETER MENU
The Setpoint Output Parameters are only active when an optional Setpoint
Output Module is installed in the meter. Some parameters in the menu will not
appear depending on the Setpoint Assignment and Setpoint Output Action. The
Setpoint Parameter Availability chart below illustrates this.
PARAMETER
DESCRIPTION
BOUNDARY
bOUNd
LATCH
LAtCH
RATE ASSIGNMENT
TIMED OUT
t-OUt
BOUNDARY
bOUNd
LATCH
LAtCH
Yes
No
No
Yes
No
No
SPn VAL
Setpoint Value
Yes
Yes
Yes
Yes
Yes
Yes
SPn OUt
Setpoint Output Logic
Yes
Yes
Yes
Yes
Yes
Yes
SPn LIt
Setpoint Annunciator
Yes
Yes
Yes
Yes
Yes
Yes
SPn P-UP
Setpoint Output Power-up State
No
No
Yes
No
No
Yes
SPn tYPE
Setpoint Boundary Type
No
Yes
No
Yes
Yes
Yes
SPn StbY
Standby Operation (Low acting only)
No
Yes
No
Yes
Yes
Yes
SPn AUtO
Counter Auto Reset
Yes
No
Yes
No
No
No
SP1 OFF2
SP1 Output Off at SP2 (SP1 only)
Yes
No
Yes
No
No
No
SP2 OFF1
SP2 Output Off at SP1 (SP2 only)
Yes
No
Yes
No
No
No
SPn rSt
Output Reset with Manual Reset
Yes
No
Yes
Yes
No
Yes
SPn ChC
Change Display Color w/ Output State
Yes
Yes
Yes
Yes
Yes
Yes
Setpoint Output Time-out Value
TIMED OUT
t-OUt
COUNTER ASSIGNMENT (A or B) *
SPn tOUt
* BOUNDARY Setpoint Action not applicable for Counter B Assignment
Select the Setpoint Output to be programmed, starting with Setpoint 1. The
"n" in the following parameters reflects the chosen Setpoint number. After
Setpoint 1 is completely programmed, the display returns to SPt SEL. Repeat
steps for Setpoint 2 if both Setpoints are used in the application.
Select NO to exit the Setpoint programming module. The number of Setpoints
available is dependent on the Setpoint option module installed.
SETPOINT SELECT
SP2
SP1
NO
NO
SPt SEL
SETPOINT 2 ENABLE (SP2 Only)
Select YES to enable Setpoint 2 and access the setup parameters. If NO is
selected, the unit returns to SPt SEL and Setpoint 2 is disabled.
YES
NO
NO
SP2 Enb
SETPOINT ASSIGNMENT
SETPOINT PARAMETER AVAILABILITY
Select the display to which the Setpoint is assigned.
Count A
SPn ASN
SETPOINT OUTPUT ACTION
The parameter selects the action of the Setpoint Output as described in the
chart. Boundary output action is not applicable for Counter B assignment.
LAtCH
SPn ACt
Count A
Count b
rAtE
LAtCH
t-OUt
bOUNd
SPT ACTION DESCRIPTION
OUTPUT ACTIVATES OUTPUT DEACTIVATES
LAtCH
Latched Output Mode
When Count =
Setpoint
At Manual Reset
(if SPn rSt=YES)
t-OUt
Timed Output Mode
When Count =
Setpoint
After Setpoint
Output Time-Out
bOUNd
Boundary Mode
(Low Acting Type)
Boundary Mode
(High Acting Type)
When Count ≤
Setpoint
When Count ≥
Setpoint
When Count
> Setpoint
When Count
< Setpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com