Electronic Components Datasheet Search
  English  ▼

X  

CUB5 Datasheet(PDF) 15 Page - Red Lion Controls. Inc

Part # CUB5
Description  MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5 Datasheet(HTML) 15 Page - Red Lion Controls. Inc

Back Button CUB5 Datasheet HTML 8Page - Red Lion Controls. Inc CUB5 Datasheet HTML 9Page - Red Lion Controls. Inc CUB5 Datasheet HTML 10Page - Red Lion Controls. Inc CUB5 Datasheet HTML 11Page - Red Lion Controls. Inc CUB5 Datasheet HTML 12Page - Red Lion Controls. Inc CUB5 Datasheet HTML 13Page - Red Lion Controls. Inc CUB5 Datasheet HTML 14Page - Red Lion Controls. Inc CUB5 Datasheet HTML 15Page - Red Lion Controls. Inc CUB5 Datasheet HTML 16Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Abbreviated Transmission
Byte
Description
1-12
12 byte data field, 10 bytes for number, one byte for
sign, one byte for decimal point
13
<CR> (carriage return)
14
<LF> (line feed)
15
<SP>* (Space)
16
<CR>* (carriage return)
17
<LF>* (line feed)
* These characters only appear in the last line of a block print.
The abbreviated response suppresses the node address and register ID,
leaving only the numeric part of the response.
Meter Response Examples:
1. Node address = 17, full field response, Counter A = 875
17 CTA
875 <CR><LF>
2. Node address = 0, full field response, Setpoint 1 = -250.5
SP1
-250.5<CR><LF>
3. Node address = 0, abbreviated response, Setpoint 1 = 250, last line of block
print
250<CR><LF><SP><CR><LF>
Command Response Time
The meter can only receive data or transmit data at any one time (half-duplex
operation). During RS232 transmissions, the meter ignores commands while
transmitting data, but instead uses RXD as a busy signal. When sending
commands and data to the meter, a delay must be imposed before sending
another command. This allows enough time for the meter to process the
command and prepare for the next command.
At the start of the time interval t1, the computer program prints or writes the
string to the com port, thus initiating a transmission. During t1, the command
characters are under transmission and at the end of this period, the command
terminating character (* or $) is received by the meter. The time duration of t1
is dependent on the number of characters and baud rate of the channel.
t1 = (10 times the # of characters) / baud rate
At the start of time interval t2, the meter starts the interpretation of the
command and when complete, performs the command function. This time
interval t2 varies. If no response from the meter is expected, the meter is ready
to accept another command.
If the meter is to reply with data, the time interval t2 is controlled by the use
of the command terminating character. The ‘*’ terminating character results in a
response time of 50 msec. minimum. This allows sufficient time for the release
of the sending driver on the RS485 bus. Terminating the command line with ‘$’
results in a response time (t2) of 2 msec. minimum. The faster response time of
this terminating character requires that sending drivers release within 2 msec.
after the terminating character is received.
At the beginning of time interval t3, the meter responds with the first
character of the reply. As with t1, the time duration of t3 is dependent on the
number of characters and baud rate of the channel. At the end of t3, the meter is
ready to receive the next command.
t3 = (10 times the # of characters) / baud rate
The maximum serial throughput of the meter is limited to the sum of the
times t1, t2 and t3.
Communication Format
Data is transferred from the meter through a serial communication channel.
In serial communications, the voltage is switched between a high and low level
at a predetermined rate (baud rate) using ASCII encoding. The receiving device
reads the voltage levels at the same intervals and then translates the switched
levels back to a character. The voltage level conventions depend on the interface
standard. The table lists the voltage levels for each standard.
LOGIC
INTERFACE STATE
RS232*
RS485*
1
mark (idle)
TXD,RXD; -3 to -15 V
a-b < -200 mV
0
space (active)
TXD,RXD; +3 to +15 V
a-b > +200 mV
* Voltage levels at the Receiver
Data is transmitted one byte at a time with a variable idle period between
characters (0 to ∞). Each ASCII character is “framed” with a beginning start bit,
an optional parity bit and one or more ending stop bits. The data format and
baud rate must match that of other equipment in order for communication to
take place. The figures list the data formats employed by the meter.
Start Bit and Data Bits
Data transmission always begins with the start bit. The start bit signals the
receiving device to prepare for reception of data. One bit period later, the least
significant bit of the ASCII encoded character is transmitted, followed by the
remaining data bits. The receiving device then reads each bit position as they are
transmitted.
Parity Bit
After the data bits, the parity bit is sent. The transmitter sets the parity bit to
a zero or a one, so that the total number of ones contained in the transmission
(including the parity bit) is either even or odd. This bit is used by the receiver to
detect errors that may occur to an odd number of bits in the transmission.
However, a single parity bit cannot detect errors that may occur to an even
number of bits. Given this limitation, the parity bit is often ignored by the
receiving device. The CUB5 meter ignores the parity bit of incoming data and
sets the parity bit to odd, even or none (mark parity) for outgoing data.
Stop Bit
The last character transmitted is the stop bit. The stop bit provides a single bit
period pause to allow the receiver to prepare to re-synchronize to the start of a
new transmission (start bit of next byte). The receiver then continuously looks
for the occurrence of the start bit. If 7 data bits and no parity is selected, then 2
stop bits are sent from the meter.
Ready
Ready
1
t
t2
Ready
t1
t2
Ready
t3
Command
String
Transmission
Meter
Response
Time
Command
Terminator
Received
First
Character
of Reply
Reply
Transmission
NO REPLY FROM METER
RESPONSE FROM METER
Time
Timing Diagram Figure
Character Frame Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com