Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF83IRRHT Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83IRRHT
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83IRRHT Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADC32RF83IRRHT Datasheet HTML 48Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 49Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 50Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 51Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 52Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 53Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 54Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 55Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 138 page
background image
Randomly
Pick 1 Out of
8 Samples
fS
Output
of ADC
Accumulate
Over 2^M
Inputs
fS/8
M = [1..2
16]
>THHigh
>THLow
Hysteresis
^2
2
-M
1 or 2-Bit
Mode
2-Bit Mode
10: High
00: Mid
01: Low
1-Bit Mode
With Hysteresis
1: High
0: Low
PWR DET
52
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3.8.3 RMS Power Detector
In this detector mode the peak power is computed for a block of N samples over a programmable block length
and then compared against two sets of programmable thresholds (with hysteresis).
The RMS power detector circuit provides configuration options, as shown in Figure 129. The RMS power value
(1 or 2 bit) can be output onto the GPIO pins. In 2-bit output mode, two different thresholds are used whereas the
1-bit output provides one threshold together with hysteresis.
Figure 129. RMS Power Detector Implementation
Table 11 shows the register configurations required to set up the RMS power detector. The detector operates in
the fS / 8 clock domain. The AGC modes can be configured separately for channel A (54xxh) and channel B
(5Cxxh), although some registers are common in 54xxh (such as the GPIO pin selection).
Table 11. Registers Required for Using the RMS Power Detector Feature
REGISTER
ADDRESS
DESCRIPTION
RMSDET EN
5420h, 5C20h
Enables RMS detector
PWRDETACCU
5421h, 5C21h
Programs the block length to be used for RMS power computation. The block length
is defined in terms of fS / 8 clocks.
The block length can be programmed as 2M with M = 0 to 16.
PWRDETH,
PWRDETL
5422h, 5423h, 5424h,
5425h, 5C22h, 5C23h,
5C24h, 5C25h
The computed average power is compared against these high and low thresholds.
One LSB of the thresholds represents 1 / 216. For example: is PWRDETH is set to
–14 dBFS from peak, [10(–14 / 20)]2 × 216 = 2609, then set 5422h, 5423h, 5C22h,
5C23h = 0A31h.
RMS2BIT EN
5427h, 5C27h
Enables 2-bit output format for the RMS detector output.
OUTSEL GPIO[4:1]
5432h, 5433h,
5434h, 5435h
Connects the PWRDET alarms to the GPIO pins; common register.
IODIR
5437h
Selects the direction for the four GPIO pins; common register.
RESET AGC
542Bh, 5C2Bh
After configuration, reset the AGC module to start operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com