Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF83IRRHT Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83IRRHT
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83IRRHT Datasheet(HTML) 70 Page - Texas Instruments

Back Button ADC32RF83IRRHT Datasheet HTML 66Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 67Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 68Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 69Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 70Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 71Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 72Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 73Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 138 page
background image
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
70
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Register Maps (continued)
Table 27 lists the register map for the ADC32RF8x.
Table 27. Register Map
REGISTER
ADDRESS
A[11:0] (Hex)
REGISTER DATA
7
6
5
4
3
2
1
0
GENERAL REGISTERS
000
RESET
0
0
0
0
0
0
RESET
002
DIGITAL BANK PAGE SEL[7:0]
003
DIGITAL BANK PAGE SEL[15:8]
004
DIGITAL BANK PAGE SEL[23:16]
010
0
0
0
0
0
0
0
3 or 4 WIRE
011
ADC PAGE SEL
012
0
0
0
0
0
MASTER PAGE
SEL
0
0
MASTER PAGE (M = 0)
020
0
0
0
PDN SYSREF
0
0
PDN CHB
GLOBAL PDN
032
0
0
INCR CM
IMPEDANCE
0
0
0
0
0
039
0
ALWAYS WRITE 1
0
ALWAYS WRITE 1
0
0
PDN CHB EN
SYNC TERM DIS
03C
0
SYSREF DEL EN
0
0
0
0
SYSREF DEL[4:3]
03D
0
0
0
0
0
JESD OUTPUT SWING
05A
SYSREF DEL[2:0]
0
0
0
0
0
057
0
0
0
SEL SYSREF REG
ASSERT SYSREF
REG
0
0
0
058
0
0
SYNCB POL
0
0
0
0
0
ADC PAGE (FFh, M = 0)
03F
0
0
0
0
0
SLOW SP EN1
0
0
042
0
0
0
SLOW SP EN2
0
0
0
0
Offset Corr Page Channel A (610000h, M = 1)
68
FREEZE OFFSET
CORR
0
ALWAYS WRITE 1
0
0
DIS OFFSET
CORR
ALWAYS WRITE 1
0
Offset Corr Page Channel B (610100h, M = 1)
68
FREEZE OFFSET
CORR
0
ALWAYS WRITE 1
0
0
DIS OFFSET
CORR
ALWAYS WRITE 1
0
Digital Gain Page Channel A (610005, M = 1)
0A6
0
0
0
0
DIGITAL GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com