Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF83IRRHT Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83IRRHT
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83IRRHT Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADC32RF83IRRHT Datasheet HTML 65Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 66Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 67Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 68Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 69Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 70Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 71Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 72Page - Texas Instruments ADC32RF83IRRHT Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 138 page
background image
R/W, M, P, CH, Bits Decoder
Initiate an SPI Cycle
Program
Decimation
Filter Page for
ChA
(2)
(DDC modes)
M=1,P=0, CH=1,
A11=0, A10=0
Addr
00h
(3)
M = 1
Addr
3Ah
M = 0
Analog Bank
Digital Bank
1
st SPI Cycle:
Page Selection
2
nd SPI Cycle:
Page Programing
Program
Power
Detector Page
for ChA
(3)
Addr
00h
(3)
Addr
25h
M=1,P=0, CH=1,
A11=1, A10=0
Program
Power
Detector Page
for ChB
(3)
Addr
00h
(3)
Addr
25h
Program
Decimation
Filter Page for
ChB
(2)
(DDC modes)
Addr
00h
(3)
Addr
3Ah
M=1,P=0, CH=1,
A11=0, A10=1
M=1,P=0, CH=1,
A11=1, A10=1
SPI cycle
(1):
These pages
are directly
programmed
in one SPI
cycle.
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address[11:0]
Register Data[7:0]
SDIN
SCLK
SEN
A11
A10
A9
A8
A7
A6
M
P
CH
SPI Cycle
Direct Addressing Pages
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
69
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Register Maps (continued)
(1)
Registers in the decimation filter page and the power detector page can be directly programmed in one SPI cycle.
(2)
To program registers in the decimation filter page, aet M = 1, CH = 1, A[10] = 0, and A[11] = 0 or 1 for channel A or B. Addressing begins at 50xx for channel A and
58xx for channel B.
(3)
To program registers in power detector page, set M = 1, CH = 1, A[10] = 1, and A[11] = 0 or 1 for channel A or B. Addressing begins at 54xx for channel A and 5Cxx for
channel B.
Figure 144. SPI Registers: Direct Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com