Electronic Components Datasheet Search
  English  ▼

X  

SMT2000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMT2000
Description  Autocatalytic process allows high deposit thicknesses to be achieved
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMT2000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMT2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PALLAMERSE SMT 2000
3
PALLAMERSE SMT PALLADIUM
CONCENTRATE (100 G/L PD)
Palladium metal is replenished by additions of
Pallamerse SMT Palladium Concentrate (100 g/l Pd).
To raise palladium metal concentration by 0.1 g/l,
add 1.0 ml/l Pallamerse SMT Palladium Concentrate
(100 g/l Pd).
Replenishment is carried out on the basis of atomic
absorption analysis or throughput, periodically verified
by analysis.
PALLAMERSE SMT 2000 REPLENISHER
Pallamerse SMT 2000 Replenisher is required to main-
tain the basic constituents of the electrolyte.
Add 15 ml Pallamerse SMT 2000 Replenisher for every
1.0g palladium metal deposited.
PALLAMERSE SMT REDUCER
Pallamerse SMT Reducer is required to maintain the
reducing agent concentration. Replenishment is carried
out on the basis of analysis. See Analytical Procedure.
Approximately 45–50 ml Pallamerse SMT Reducer will
be required for every 1.0g palladium metal deposited.
pH CONTROL
The pH of the solution affects the bath stability and
the quality of Pd deposition. pH should be maintained
between 8.0–8.5 by additions of Pallamerse SMT 2000
pH Adjuster or reagent grade hydrochloric acid.
The pH should be measured daily at room temperature.
Add 1.0 ml/l Pallamerse SMT 2000 pH adjuster to
increase pH by ca. 0.1 units.
Add 1.5 ml/l of 50% (v/v) hydrochloric acid to reduce
pH by ca 0.1 units.
DEPOSITION RATE
Deposition rate depends on the substrate plated.
Process a sample plating for every new batch of boards
to determine the deposition rate (or thickness).
The deposition rate may reduce slightly with the age of
the bath. Check deposition rate after any prolonged
idle time (e.g. weekend). Low throughput at working
temperature may slow down the deposition rate.
The deposition rate can be increased by addition of
Pallamerse SMT 2000 Accelerator when necessary.
Add Pallamerse SMT 2000 Accelerator with Pallamerse
SMT 2000 Replenisher and do not exceed 0.5 ml/l at
any one time. An addition of 0.1 ml/l will increase the
rate approximately ---%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com