Electronic Components Datasheet Search
  English  ▼

X  

SMT2000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMT2000
Description  Autocatalytic process allows high deposit thicknesses to be achieved
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMT2000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMT2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMT2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PALLAMERSE SMT 2000
5
EQUIPMENT PREPARATION
Prior to make-up, the process tank and ancillary equip-
ment should be thoroughly cleaned and then leached
with an ammonium hydroxide solution.
This procedure is particularly important for new equip-
ment or equipment previously used for other processes.
Cleaning Solution
Trisodium Phosphate:
15 g/l
2 oz./gal.
Sodium Hydroxide:
15 g/l
2 oz./gal.
Neutralizing Solution
Hydrochloric Acid:
50 ml/l 5% v/v
Leaching Solution
Ammonium Hydroxide:
50 ml/l 5% v/v
PROCEDURE
1. Thoroughly wash down tank and ancillary equip-
ment with clean water.
2. Recirculate water through the complete system to
remove water soluble materials.
3. Discard rinse water.
4. Add cleaning solution to the tank, heat to between
55–60°C (130–140°F) and recirculate through the
complete system.
5. Discard cleaning solution.
6. Recirculate water through the complete system.
7. Discard rinse water.
8. Add neutralizing solution and recirculate through
the complete system.
9. Discard neutralizing solution.
10. Recirculate water through the complete system.
11. Discard rinse water.
12. Add leaching solution and recirculate through the
complete system.
13. Leave leaching solution in tank for a minimum of
8 hours.
14. Recirculate leaching solution through the
complete system.
15. Discard leaching solution.
16. Recirculate water through the complete system.
17. Discard rinse water.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com