Electronic Components Datasheet Search
  English  ▼

X  

SSD1305Z Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # SSD1305Z
Description  132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1305Z Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button SSD1305Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
Solomon Systech
May 2008 P 34/70
Rev 1.9
SSD1305
Fundamental Command Table
D/C# Hex
D7
D6
D5
D4
D3
D2
D1
D0
Command
Description
0
92
1
0
0
1
0
0
1
0
0
A[7:0] A7
A6
A5
A4
A3
A2
A1
A0
0
B[7:0]
B7
B6
B5
B4
B3
B2
B1
B0
0
C[7:0]
C7
C6
C5
C4
C3
C2
C1
C0
0
D[7:0] D7
D6
D5
D4
D3
D2
D1
D0
Set Bank Color of
BANK1 to BANK16
(PAGE0)
Set the bank color of BANK1~BANK16 to any one of
the 4 colors : A, B, C and D .
A[1:0] : 00b, 01b, 10b, or 11b for Color = A, B, C or
D of BANK1
A[3:2] : 00b, 01b, 10b, or 11b for Color = A, B, C or
D of BANK2
:
:
D[5:4]: 00b, 01b, 10b, or 11b for Color = A, B, C or D
of BANK15
D[7:6]: 00b, 01b, 10b, or 11b for Color = A, B, C or D
of BANK16
0
93
1
0
0
1
0
0
1
1
0
A[7:0] A7
A6
A5
A4
A3
A2
A1
A0
0
B[7:0]
B7
B6
B5
B4
B3
B2
B1
B0
0
C[7:0]
C7
C6
C5
C4
C3
C2
C1
C0
0
D[7:0] D7
D6
D5
D4
D3
D2
D1
D0
Set Bank Color of
BANK17~BANK32
(PAGE1)
Set the bank color of BANK17~BANK32 to any one
of the 4 colors: A, B, C and D.
A[1:0] : 00b, 01b, 10b, or 11b for Color = A, B, C or
D of BANK17
A[3:2] : 00b, 01b, 10b, or 1b1 for Color = A, B, C or
D of BANK18
:
:
D[5:4]: 00b, 01b, 10b, or 11b for Color = A, B, C or D
of BANK31
D[7:6]: 00b, 01b, 10b, or 11b for Color = A, B, C or D
of BANK32
0
A0/A1
1
0
1
0
0
0
0
X0 Set Segment Re-map X[0]=0b: column address 0 is mapped to SEG0
(RESET)
X[0]=1b: column address 131 is mapped to SEG0
0
A4/A5
1
0
1
0
0
1
0
X0 Entire Display ON
X0=0b: Resume to RAM content display (RESET)
Output follows RAM content
X0=1b: Entire display ON
Output ignores RAM content
0
A6/A7
1
0
1
0
0
1
1
X0 Set Normal/Inverse
Display
X[0]=0b: Normal display (RESET)
0 in RAM: OFF in display panel
1 in RAM: ON in display panel
X[0]=1b: inverse display
0 in RAM: ON in display panel
1 in RAM: OFF in display panel
0
A8
1
0
1
0
1
0
0
0
0
A[5:0]
*
*
A5
A4
A3
A2
A1
A0
Set Multiplex Ratio
Set MUX ratio to N+1 MUX
N=A[5:0] : from 16MUX to 64MUX, RESET=
111111b (i.e. 64MUX)
A[5:0] from 0 to 14 are invalid entry.
0
AA
1
0
1
0
1
0
1
0 Reserved
Reserved
0
AB
1
0
1
0
1
0
1
1
0
A[3:0]
*
*
*
*
A3
A2
A1
A0
0
B[7:0]
B7
B6
B5
B4
B3
B2
B1
B0
0
C[7:0]
C7
C6
C5
C4
C3
C2
C1
C0
Dim mode setting
A[3:0] : Reserved (set as 0000b)
B [7:0] : Set contrast for BANK0, valid range 0-255d,
please refer to command 81h
C [7:0] : Set brightness for color bank, valid range 0-
255d, please refer to command 82h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com