Electronic Components Datasheet Search
  English  ▼

X  

SSD1305Z Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SSD1305Z
Description  132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1305Z Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SSD1305Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1305Z Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
SSD1305
Rev 1.9
P 39/70
May 2008
Solomon Systech
Table 9-2 : Read Command Table
Bit Pattern
Command
Description
D7D6D5D4D3D2D1D0
Status Register Read
D[7] :
Reserve
D[6] :
“1” for display OFF / “0” for display ON
D[5] :
Reserve
D[4] :
Reserve
D[3] :
Reserve
D[2] :
Reserve
D[1] :
Reserve
D[0] :
Reserve
Note
(1) Patterns other than those given in the Command Table are prohibited to enter the chip as a command; as unexpected
results can occur.
9.1
Data Read / Write
To read data from the GDDRAM, select HIGH for both the R/W# (WR#) pin and the D/C# pin for 6800-
series parallel mode and select LOW for the E (RD#) pin and HIGH for the D/C# pin for 8080-series parallel
mode. No data read is provided in serial mode operation.
In normal data read mode the GDDRAM column address pointer will be increased automatically by one after
each data read.
Also, a dummy read is required before the first data read.
To write data to the GDDRAM, select LOW for the R/W# (WR#) pin and HIGH for the D/C# pin for both
6800-series parallel mode and 8080-series parallel mode. The serial interface mode is always in write mode.
The GDDRAM column address pointer will be increased automatically by one after each data write.
Table 9-3 : Address increment table (Automatic)
D/C#
R/W# (WR#)
Comment
Address Increment
0
0
Write Command
No
0
1
Read Status
No
1
0
Write Data
Yes
1
1
Read Data
Yes (1)
Note
(1) If read-data command is issued in read-modify-write mode no address increase occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com