Electronic Components Datasheet Search
  English  ▼

X  

WSP4016 Datasheet(PDF) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4016
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4016 Datasheet(HTML) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4016 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4016 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4
www.winsok.tw
Dec.2014
WSP4016
N-Channel MOSFET
Drain-Source On Resistance
ID- Drain Current (A)
VDS - Drain - Source Voltage (V)
Output Characteristics
Gate-Source On Resistance
VGS - Gate - Source Voltage (V)
-50 -25
0
25
50
75 100 125 150
Tj - Junction Temperature (°C)
Gate Threshold Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
2.5V
3V
V
GS=4,5,6,7,8,9,10V
0
5
10
15
20
25
30
6
8
10
12
14
16
18
V
GS=4.5V
V
GS=10V
2
3
4
5
6
7
8
9
10
6
9
12
15
18
21
24
I
DS=7A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
DS =250mA
Typical Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com